Electronic Components Datasheet Search
  English  ▼

X  

WM8580 Datasheet(PDF) 61 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 65Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
Product Preview
WM8580
w
PP Rev 1.0 March 2006
61
STATUS FLAGS
There are several status flags generated by the S/PDIF Receiver, described below.
FLAG
DESCRIPTION
VISIBILITY
UNLOCK
Indicates that the S/PDIF Clock Recovery circuit is unlocked, or the
incoming S/PDIF signal is not present.
0 = Locked onto incoming S/PDIF stream.
1 = Not locked to the incoming S/PDIF stream, or incoming stream
is not present.
S/PDIF Status
Register, GPO
pins, SWMODE pin
(when in hardware
mode)
INVALID
Indicates that recovered S/PDIF data is marked as invalid.
0 = Data marked as valid
1 = Data marked as invalid
Interrupt Status
Register
TRANS_ERR
Indicates that recovered S/PDIF frame has parity errors or bi-phase
encoding errors, or that sub-frames were recovered out of
sequence
0 = No data errors or bi-phase encoding errors detected and sub-
frame sequence correct
1 = Data errors or bi-phase encoding errors detected or subframe
sequence incorrect (missing preamble)
Interrupt Status
Register
AUDIO_N
Recovered Channel Status bit-1.
0 = Data word represents audio PCM samples.
1 = Data word does not represent audio PCM samples.
Channel Status
Register, S/PDIF
Status Register
PCM_N
Indicates that non-audio code (defined in IEC-61937) has been
detected.
0 = Sync code not detected.
1 = Sync code detected – received data is not audio PCM.
S/PDIF Status
Register
CPY_N
Recovered Channel Status bit-2 (active low)
0 = Copyright is asserted for this data.
1 = Copyright is not asserted for this data.
Channel Status
Register, S/PDIF
Status Register,
GPO pins
DEEMPH
Recovered Channel Status bit-3
0 = Recovered S/PDIF data has no pre-emphasis.
1 = Recovered S/PDIF data has pre-emphasis
Channel Status
Register, S/PDIF
Status Register,
GPO pins
REC_FREQ[1:0]
Indicates recovered S/PDIF sample rate.
00 = 192kHz
01 = 96kHz / 88.2kHz
10 = 48kHz / 44.1kHz
11 = 32kHz
S/PDIF Status
Register
INTB
Interrupt signal (see section Interrupt Generation)
GPO pins
V
Recovered validity-bit for current sub-frame
GPO pins
U
Recovered user-bit for current sub-frame
GPO pins
C
Recovered channel-bit for current sub-frame
GPO pins
P
Recovered parity-bit for current sub-frame
GPO pins
SFRM_CLK
Indicates current sub-frame:
1 = Sub-frame A
0 = Sub-frame B
GPO pins
192BLK
Indicates start of 192 frame-block. High for duration of frame-0.
GPO pins
CSUD
Indicates that the 192 frame-block of channel status data has
updated.
GPO pins
REC_FREQ192
Indicates that the recovered S/PDIF clock frequency is 192kHz
GPO pins
ZFLAG
Indicates ‘zero-detection’ in DACs. See page 45 for more details
MUTE pin, GPO
pins
NON_AUDIO
Logical OR of PCM_N and AUDIO_N
GPO pins, SDO pin
(when in hardware
mode)
Table 60 Status Flag Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com