Electronic Components Datasheet Search
  English  ▼

X  

WM8580 Datasheet(PDF) 83 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 83 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 87Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
Product Preview
WM8580
w
PP Rev 1.0 March 2006
83
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
GPO5
2Ah
7:4
GPO10OP
[3:0]
1001
0111 = UNLOCK
1000 = CSUD
1001 = REC_FREQ192
1010 = ZFLAG
1011 = NON_AUDIO
1100 = CPY_N
1101 = DEEMP
1110 = Set GPO as S/PDIF input (standard CMOS input buffer).
Only applicable for GPO3/4/5.
1111 = Set GPO as S/PDIF input (‘comparator’ input for AC
coupled consumer S/PDIF signals). Only applicable for GPO3/4/5
0
UPD_UNLOCK
-
UNLOCK flag update signal
0 = INTB not caused by update to UNLOCK flag
1 = INTB caused by update to UNLOCK flag
1
INT_INVALID
-
INVALID flag interrupt signal
0 = INTB not caused by INVALID flag
1 = INTB caused by INVALID flag
2
INT_CSUD
-
CSUD flag interrupt signal
0 = INTB not caused by CSUD flag
1 = INTB caused by CSUD flag
3
INT_TRANS_ERR
-
TRANS_ERR flag interrupt signal
0 = INTB not caused by TRANS_ERR flag
1 = INTB caused by TRANS_ERR flag
4
UPD_NON_AUDIO
-
NON_AUDIO update signal
0 = INTB not caused by update to NON_AUDIO flag
1 = INTB caused by update to NON_AUDIO flag
5
UPD_CPY_N
-
CPY_N update signal
0 = INTB not caused by update to CPY_N flag
1 = INTB caused by update to CPY_N flag
6
UPD_DEEMPH
-
DEEMPH update signal
0 = INTB not caused by update to DEEMPH flag
1 = INTB caused by update to DEEMPH flag
R43
INTSTAT
2Bh
7
UPD_REC_FREQ
-
REC_FREQ update signal
0 = INTB not caused by update to REC_FREQ flag
1 = INTB caused by update to REC_FREQ flag
0
CON/PRO
-
0 = Consumer Mode
1 = Professional Mode
The WM8580 is a consumer mode device. Detection of
professional mode may give erroneous behaviour.
1
AUDIO_N
-
Recovered S/PDIF Channel status bit 1.
0 = Data word represents audio PCM samples.
1 = Data word does not represent audio PCM samples.
2
CPY_N
-
0 = Copyright is asserted for this data.
1 = Copyright is not asserted for this data.
3
DEEMPH
-
0 = Recovered S/PDIF data has no pre-emphasis.
1 = Recovered S/PDIF data has pre-emphasis.
5:4
Reserved
-
Reserved for additional de-emphasis modes.
R44
SPDRXCHAN 1
2C
7:6
CHSTMODE
[1:0]
-
00 = Only valid mode for consumer applications.
R45
SPDRXCHAN 2
2Dh
7:0
CATCODE
[7:0]
-
Category Code. Refer to S/PDIF specification for details.
00h indicates “general” mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com