Electronic Components Datasheet Search
  English  ▼

X  

WM8580 Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 92 page
background image
WM8580
Product Preview
w
PP Rev 1.0 March 2006
50
S/PDIF RECEIVE MODE CLOCKING
In S/PDIF receive mode, the PLLA_N and PLLA_K values are automatically controlled by the
S/PDIF receiver to allow the receiver to use PLLA to lock on to and track the incoming S/PDIF data
stream. PLLB must be configured to produce a specific reference clock frequency for the S/PDIF
receiver.
The S/PDIF receiver has four clocking modes based on the incoming S/PDIF stream sample rate.
The modes are:
•
Mode 1: Incoming S/PDIF Sample Rate = 192kHz +/- 1%
•
Mode 2: Incoming S/PDIF Sample Rate = 88.2kHz -1% to 96kHz +1%
•
Mode 3: Incoming S/PDIF Sample Rate = 44.1kHz -1% to 48kHz +1%
•
Mode 4: Incoming S/PDIF Sample Rate = 32kHz +/- 1%
Before the S/PDIF receiver is enabled, it is important that the PLLB_N and PLLB_K register values
(and the PRESCALE_x values as appropriate) are manually configured in a specific default state.
The PLLB_N and PLLB_K register values (and the PRESCALE_x values as appropriate) must also
be manually re-configured when a change of the clocking mode is detected and the change is to
mode 1 or from mode 1. Note that the PRESCALE_A value must always be set to the same value as
PRESCALE_B.
The specified PLLB f2 frequencies that must be configured using the PLLB_N and PLLB_K register
values (and the PRESCALE_x values as appropriate) for reception of specific S/PDIF sample rates
are as follows:
•
Mode 1 (192kHz Sample Rate): PLLB f2 = 98.304MHz
•
Modes 2/3/4 (32/44.1/48/88.2/96kHz Sample Rates): PLLB f2 = 94.3104MHz
The FREQMODE_B[1:0] bits and POSTSCALE_B bit are not used in PLL S/PDIF recever mode.
The PLL register settings are configured by default to allow 32/44.1/48/88.2/96kHz (modes 2/3/4)
sample rate S/PDIF receiver operation using a 12MHz crystal clock. The appropriate PLLB register
values must be updated if:
•
Any crystal clock frequency other than 12MHz is used.
OR
•
A S/PDIF stream with 192kHz sample rate (mode 1) is detected.
In either case, reprogramming of the PLLB_N and PLLB_K values (and the PRESCALE_x values as
appropriate) is necessary.
Refer to Table 47 for details of a number of recommended PLLB configurations. Many other
configurations are possible; please refer to PLL Configuration section for details regarding how to
calculate alternative settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com