Electronic Components Datasheet Search
  English  ▼

X  

WM8580 Datasheet(PDF) 81 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 81 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 85Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
Product Preview
WM8580
w
PP Rev 1.0 March 2006
81
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
11
0000 = Do not use channel number
Channel Number for Subframe 2
CHNUM2
Channel Status Bits[23:20]
00
0000 = Do not use channel number
01
0001 = Send to Left Channel
10
0010 = Send to Right Channel
7:6
CHNUM2[1:0]
00
11
0000 = Do not use channel number
3:0
FREQ[3:0]
0001
Sampling Frequency. See S/PDIF specification for details.
0001 = Sampling Frequency not indicated.
R34
SPDTXCHAN 4
22h
5:4
CLKACU[1:0]
11
Clock Accuracy of Generated clock.
00 = Level II
01 = Level I
10 = Level III
11 = Interface frame rate not matched to sampling frequency.
0
MAXWL
1
Maximum Audio sample word length
0 = 20 bits
1 = 24 bits
Audio Sample Word Length.
000 = Word Length Not Indicated
TXWL[2:0]
MAXWL==1
MAXWL==
0
001
20 bits
16 bits
010
22 bits
18 bits
100
23 bits
19 bits
101
24 bits
20 bits
110
21 bits
17 bits
3:1
TXWL[2:0]
101
All other combinations reserved
R35
SPDTXCHAN 5
23h
7:4
ORGSAMP
[3:0]
0000
Original Sampling Frequency. See S/PDIF specification for details.
0000 = original sampling frequency not indicated
0
SPDIFIN1MODE
1
Selects the input circuit type for the SPDIFIN1 input
0 = CMOS-compatible input
1 = Comparator input. Compatible with 500mVpp AC coupled
consumer S/PDIF input signals as defined in IEC-60958-3.
R36
SPDMODE
24h
2:1
RXINSEL[1:0]
00
S/PDIF Receiver input mux select. Note that the general purpose
inputs must be configured using GPOxOP to be either CMOS or
comparator inputs if selected by RXINSEL.
00 = SPDIFIN1
01 = SPDIFIN2 (MFP3)
10 = SPDIFIN3 (MFP4)
11 = SPDIFIN4 (MFP5)
R37
INTMASK
25h
8:0
MASK[8:0]
000000000
When a flag is masked, it does not update the Error Register or
contribute to the interrupt pulse.
0 = unmask, 1 = mask.
MASK[0] = mask control for UPD_UNLOCK
MASK[1] = mask control for INT_INVALID
MASK[2] = mask control for INT_CSUD
MASK[3] = mask control for INT_TRANS_ERR
MASK[4] = mask control for UPD_AUDIO_N
MASK[5] = mask control for UPD_PCM_N
MASK[6] = mask control for UPD_CPY_N
MASK[7] = mask control for UPD_DEEMPH
MASK[8] = mask control for UPD_REC_FREQ
R38
3:0
GPO1OP[3:0]
0000
0000 = INTB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com