Electronic Components Datasheet Search
  English  ▼

X  

WM8580 Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
WM8580
Product Preview
w
PP Rev 1.0 March 2006
64
ERROR HANDLING
Should a TRANS_ERR or INVALID flag be asserted, it is assumed the recovered S/PDIF sub-frame
is corrupted or invalid. If either flag is masked using the mask register, the WM8580 will overwrite the
recovered frame (i.e. both sub-frames) with either all-zeros or the last valid data sample; depending
on how FILLMODE has been set. If both flags are unmasked, data is not modified and the user must
handle corrupted data appropriately.
ALWAYSVALID must be set to 0, else the INVALID flag will be ignored. For the S/PDIF Receiver to
S/PDIF transmitter path, only masked INVALID flags will cause data to be overwritten –
TRANS_ERR flags have no effect.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R38
GPO1
26h
8
FILLMODE
0
Determines what S/PDIF Receiver should do with
corrupted or invalid data:
0 = Data from S/PDIF Receiver remains static at last
valid sample.
1 = Data from S/PDIF Receiver is output as all zeros.
R39
GPO2
27h
8
ALWAYSVALID
0
Used to ignore the INVALID flag. See Table 65.
0 = Use INVALID flag.
1 = Ignore INVALID flag.
Table 64 S/PDIF Receiver Error Handling Registers
MASK
ALWAYSVALID
DATA OVERWRITE
INTB ASSERT
0
0
No
Yes
0
1
No
No
1
0
Yes
No
1
1
No
No
Table 65 Data Overwrite / INTB Assert Criteria
NON-AUDIO DETECTION
Non-Audio data is indicated by the AUDIO_N and PCM_N flags. AUDIO_N is recovered from the
Channel Status block. PCM_N is set on detection of the 96-bit IEC-61937 non-audio data sync code,
embedded in the data section of the S/PDIF frame. If DAC1 is sourcing the S/PDIF Receiver and
either the AUDIO_N or PCM_N flags are asserted, DAC1 is automatically muted using the softmute
feature. As described above, any change of AUDIO_N or PCM_N status will cause an INTB interrupt
(UPD_NON_AUDIO) to be generated. If the MASK register bit for AUDIO_N or PCM_N is set, then
the associated signal will not generate an interrupt (UPD_NON_AUDIO) but the DAC will be muted.
S/PDIF INPUT/ GPO PIN CONFIGURATION
The WM8580 has ten pins which can be configured as GPOs using the registers shown in Table 66.
The GPO pins can be used to output status data decoded by the S/PDIF receiver. These same pins
may be used as S/PDIF inputs as described in Table 54.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com