Electronic Components Datasheet Search
  English  ▼

X  

WM8580 Datasheet(PDF) 72 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 72 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 76Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
WM8580
Product Preview
w
PP Rev 1.0 March 2006
72
REGISTER MAP
The complete register map is shown below. The detailed description can be found in the relevant text of the device description. The
WM8580 can be configured using the Control Interface. All unused bits should be set to ‘0’.
REGISTER
NAME
ADDRESS
B8
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
R0
PLLA 1/DEVID1
00
PLLA_K[8:0]
100100001
R1
PLLA 2/DEVID2
01
PLLA_K[17:9]
101111110
R2
PLLA 3/DEVREV
02
0
PLLA_N[3:0]
PLLA_K[21:18]
001111101
R3
PLLA 4
03
0
0
0
0
FREQMODE_A[1:0]
FRACEN_A POSTSCALE_A PRESCALE_A
000010100
R4
PLLB 1
04
PLLB_K[8:0]
100100001
R5
PLLB 2
05
PLLB_K[17:9]
101111110
R6
PLLB 3
06
0
PLLB_N[3:0]
PLLB_K[21:18]
001111101
R7
PLLB 4
07
CLKOUTSRC[1:0]
MCLKOUTSRC[1:0]
FREQMODE_B[1:0]
FRACEN_B POSTSCALE_B PRESCALE_B
110010100
R8
CLKSEL
08
0
0
0
TX_CLKSEL[1:0]
ADC_CLKSEL[1:0]
DAC_CLKSEL[1:0]
000010000
R9
PAIF 1
09
0
PAIFRXMS_CLKSEL[1:0]
PAIFRXMS
PAIFRX_BCLKSEL[1:0]
PAIFRX_RATE[2:0]
000000010
R10
PAIF 2
0A
0
0
0
PAIFTXMS
PAIFTX_BCLKSEL[1:0]
PAIFTX_RATE[2:0]
000000010
R11
SAIF 1
0B
0
SAIFMS_CLKSEL[1:0]
SAIFMS
SAIF_BCLKSEL[1:0]
SAIF_RATE[2:0]
011000010
R12
PAIF 3
0C
DAC_SRC[1:0]
DACOSR
PAIFRXBCP
PAIFRXLRP
PAIFRXWL[1:0]
PAIFRXFMT[1:0]
110001010
R13
PAIF 4
0D
PAIFTX_SRC[1:0]
0
PAIFTXBCP
PAIFTXLRP
PAIFTXWL[1:0]
PAIFTXFMT[1:0]
010001010
R14
SAIF 2
0E
SAIFTX_SRC[1:0]
SAIF_EN
SAIFBCP
SAIFLRP
SAIFWL[1:0]
SAIFFMT[1:0]
000001010
R15
DAC CONTROL 1
0F
RX2DAC_MODE
0
0
DAC3SEL[1:0]
DAC2SEL[1:0]
DAC1SEL[1:0]
000100100
R16
DAC CONTROL 2
10
0
IZD
DZFM[2:0]
PL[3:0]
000001001
R17
DAC CONTROL 3
11
0
0
0
0
DEEMPALL
0
DEEMP[2:0]
000000000
R18
DAC CONTROL 4
12
0
1
1
PHASE[5:0]
011111111
R19
DAC CONTROL 5
13
0
MPDENB
DACATC
DZCEN
MUTEALL
0
DMUTE[2:0]
000000000
R20
DIGITAL ATTENUTATION
DACL 1
14
UPDATE
LDA1[7:0]
011111111
R21
DIGITAL ATTENUTATION
DACR 1
15
UPDATE
RDA1[7:0]
011111111
R22
DIGITAL ATTENUTATION
DACL 2
16
UPDATE
LDA2[7:0]
011111111
R23
DIGITAL ATTENUTATION
DACR 2
17
UPDATE
RDA2[7:0]
011111111
R24
DIGITAL ATTENUTATION
DACL 3
18
UPDATE
LDA3[7:0]
011111111
R25
DIGITAL ATTENUTATION
DACR 3
19
UPDATE
RDA3[7:0]
011111111
R28
MASTER DIGITAL
ATTENUTATION
1C
UPDATE
MASTDA[7:0]
011111111
R29
ADC CONTROL 1
1D
VMIDSEL
ADCRATE[2:0]
ADCHPD ADCOSR AMUTEALL AMUTER
AMUTEL
001000000
R30
SPDTXCHAN 0
1E
0
0
0
0
0
REAL_
THROUGH
OVWCHAN
TXSRC[1:0]
000000000
R31
SPDTXCHAN 1
1F
0
CHSTMODE[1:0]
DEEMPH[2:0]
CPY_N
AUDIO_N CON/PRO
000000000
R32
SPDTXCHAN 2
20
0
CATCODE[7:0]
000000000
R33
SPDTXCHAN 3
21
0
CHNUM2[1:0]
CHNUM1[1:0]
SRCNUM[3:0]
000000000
R34
SPDTXCHAN 4
22
0
0
0
CLKACU[1:0]
FREQ[3:0]
000110001
R35
SPDTXCHAN 5
23
0
ORGSAMP[3:0]
TXWL[2:0]
MAXWL
000001011
R36
SPDMODE
24
0
0
0
1
1
1
RXINSEL[1:0]
SPDIFIN1MODE
000111001
R37
INTMASK
25
MASK[8:0]
000000000
R38
GPO1
26
FILLMODE
GPO2OP[3:0]
GPO1OP[3:0]
000010000
R39
GPO2
27
ALWAYSVALID
GPO4OP[3:0]
GPO30P[3:0]
000110010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com