Electronic Components Datasheet Search
  English  ▼

X  

WM8580 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
Product Preview
WM8580
w
PP Rev 1.0 March 2006
27
AUDIO INTERFACE CONTROL
The register bits controlling the audio interfaces are summarized below. Dynamically changing the
audio data format may cause erroneous operation, and is not recommended.
Interface timing is such that the input data and LRCLK are sampled on the rising edge of the
interface BCLK. Output data changes on the falling edge of the interface BCLK. By setting the
appropriate bit clock polarity control register bits, e.g. PAIFRXBCP, the polarity of BCLK may be
reversed, allowing input data and LRCLK to be sampled on the falling edge of BCLK. Setting the bit
clock polarity register for a transmit interface results in output data changing on the rising edge of
BCLK.
Similarly, the polarity of left/right clocks can be reversed by setting the appropriate left right polarity
bits, e.g. PAIFRXLRP.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
PAIFRXFMT
[1:0]
10
PAIF Receiver Audio Data Format
Select
11: DSP Format
10: I
2S Format
01: Left justified
00: Right justified
3:2
PAIFRXWL
[1:0]
10
PAIF Receiver Audio Data Word
Length
11: 32 bits (see Note 1/2)
10: 24 bits
01: 20 bits
00: 16 bits
4
PAIFRXLRP
0
In LJ/RJ/I
2S modes
0 = LRCLK not inverted
1 = LRCLK inverted
In DSP Format:
0 = DSP Mode A
1 = DSP Mode B
R12
PAIF 3
0Ch
5
PAIFRXBCP
0
PAIF Receiver BCLK polarity
0 = BCLK not inverted
1 = BCLK inverted
1:0
PAIFTXFMT
[1:0]
10
PAIF Transmitter Audio Data Format
Select
11: DSP Format
10: I
2S Format
01: Left justified
00: Right justified
3:2
PAIFTXWL
[1:0]
10
PAIF Transmitter Audio Data Word
Length
11: 32 bits (see Note 1/2)
10: 24 bits
01: 20 bits
00: 16 bits
R13
PAIF 4
0Dh
4
PAIFTXLRP
0
In LJ/RJ/I
2S modes
0 = LRCLK not inverted
1 = LRCLK inverted
In DSP Format:
0 = DSP Mode A
1 = DSP Mode B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com