Electronic Components Datasheet Search
  English  ▼

X  

WM8580 Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
Product Preview
WM8580
w
PP Rev 1.0 March 2006
65
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:0
GPO1OP[3:0]
0000
R38
GPO1
26h
7:4
GPO2OP[3:0]
0001
3:0
GPO3OP[3:0]
0010
R39
GPO2
27h
7:4
GPO4OP[3:0]
0011
3:0
GPO5OP[3:0]
0100
R40
GPO3
28h
7:4
GPO6OP[3:0]
0101
3:0
GPO7OP[3:0]
0110
R41
GPO4
29h
7:4
GPO8OP[3:0]
0111
3:0
GPO9OP[3:0]
1000
R42
GPO5
2Ah
7:4
GPO10OP
[3:0]
1001
0000 = INTB
0001 = V
0010 = U
0011 = C
0100 = P
0101 = SFRM_CLK
0110 = 192BLK
0111 = UNLOCK
1000 = CSUD
1001 = REC_FREQ192
1010 = ZFLAG
1011 = NON_AUDIO
1100 = CPY_N
1101 = DEEMP
1110 = Set GPO as S/PDIF input (CMOS-compatible
input). Only applicable for GPO3/4/5.
1111 = Set GPO as S/PDIF input (‘comparator’ input for
AC coupled consumer S/PDIF signals). Only applicable
for GPO3/4/5
Table 66 GPO Control Registers
POWERDOWN MODES
The WM8580 has powerdown control bits allowing specific parts of the chip to be turned off when not
in use.
The ADC is powered down by setting the ADCPD register bit. The three stereo DACs each have a
separate powerdown control bit, DACPD[2:0], allowing individual stereo DACs to be powered down
when not in use. DACPD can be overwritten by setting ALLDACPD to powerdown all DACs
The S/PDIF transmitter is powered down by setting SPDIFTXD. Setting SPDIFRXD powers down the
S/PDIF receiver.
The PLL, Oscillator and S/PDIF clock recovery circuits are powered down by setting PLLPD, OSCPD
and SPDIFPD respectively.
Setting all of ADCPD, DACPD[2:0], SPDIFTXD, SPDIFRXD and OUTPD[3:0] will powerdown
everything except the references VMIDADC, ADCREF and VMIDDAC. These may be powered down
by setting PWDN. Setting PWDN will override all other powerdown control bits. It is recommended
that the ADC and DAC are powered down before setting PWDN. The default is for all powerdown bits
to be set except OSCPD and PWDN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com