Electronic Components Datasheet Search
  English  ▼

X  

TPSM82821 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82821
Description  TPSM8282x, TPSM8282xA 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82821 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPSM82821 Datasheet HTML 28Page - Texas Instruments TPSM82821 Datasheet HTML 29Page - Texas Instruments TPSM82821 Datasheet HTML 30Page - Texas Instruments TPSM82821 Datasheet HTML 31Page - Texas Instruments TPSM82821 Datasheet HTML 32Page - Texas Instruments TPSM82821 Datasheet HTML 33Page - Texas Instruments TPSM82821 Datasheet HTML 34Page - Texas Instruments TPSM82821 Datasheet HTML 35Page - Texas Instruments TPSM82821 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Time - 200ns/DIV
D045
VOUT
10mV/DIV
AC
VSW
2V/DIV
IOUT = 2 A
TPSM82822A
Figure 9-104. Output Ripple in PWM Mode
Time - 20µs/DIV
D047
VOUT
10mV/DIV
IOUT
0.5A/DIV
IOUT = 0 mA to 2 A
TPSM82822A
Figure 9-105. Load Sweep
Time - 10µs/DIV
D048
VOUT
20mV/DIV
IOUT
0.5A/DIV
IOUT = 0 A to 2 A
Slew Rate = 2 A/µs
TPSM82822A
Figure 9-106. Load Transient
Time - 500µs/DIV
D050
VOUT
0.4V/DIV
VPG
2V/DIV
VEN
5V/DIV
IOUT = no load
TPSM82822A
Figure 9-107. Start-up / Shutdown without Load
Time - 500µs/DIV
D051
VOUT
0.4V/DIV
VPG
2V/DIV
VEN
5V/DIV
IOUT = 2 A
TPSM82822A
Figure 9-108. Start-up / Shutdown with Resistive
Load
Time - 500µs/DIV
D052
VOUT
0.4V/DIV
VPG
2V/DIV
Iload
2A/DIV
TPSM82822A
Figure 9-109. Short Circuit, HICCUP Protection
Entry / Exit
TPSM82823, TPSM82822, TPSM82821, TPSM82823A, TPSM82822A, TPSM82821A
SLVSEP0F – AUGUST 2019 – REVISED NOVEMBER 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPSM82823 TPSM82822 TPSM82821 TPSM82823A TPSM82822A TPSM82821A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com