Electronic Components Datasheet Search
  English  ▼

X  

TPSM82821 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82821
Description  TPSM8282x, TPSM8282xA 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82821 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TPSM82821 Datasheet HTML 44Page - Texas Instruments TPSM82821 Datasheet HTML 45Page - Texas Instruments TPSM82821 Datasheet HTML 46Page - Texas Instruments TPSM82821 Datasheet HTML 47Page - Texas Instruments TPSM82821 Datasheet HTML 48Page - Texas Instruments TPSM82821 Datasheet HTML 49Page - Texas Instruments TPSM82821 Datasheet HTML 50Page - Texas Instruments TPSM82821 Datasheet HTML 51Page - Texas Instruments TPSM82821 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MIN
ALL AROUND
0.05 MAX
ALL AROUND
10X (0.65)
10X (0.25)
(1.25)
8X (0.5)
(R0.05) TYP
uSIP
- 1.1 mm max height
SIL0010D
MICRO SYSTEM IN PACKAGE
4223961/D 09/2019
NOTES: (continued)
4. For more information, see Texas Instruments literature number SLUA271 (www.ti.com/lit/slua271).
NON SOLDER MASK
TM
DEFINED
SOLDER MASK DEFINED
NOT TO SCALE
SOLDER MASK DETAILS
SYMM
SYMM
1
5
6
10
EXPOSED METAL SHOWN
LAND PATTERN EXAMPLE
SCALE:25X
SEE SOLDER MASK
DETAILS
METAL EDGE
SOLDER MASK
OPENING
EXPOSED
METAL
EXPOSED
METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
TPSM82823, TPSM82822, TPSM82821, TPSM82823A, TPSM82822A, TPSM82821A
SLVSEP0F – AUGUST 2019 – REVISED NOVEMBER 2021
www.ti.com
48
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPSM82823 TPSM82822 TPSM82821 TPSM82823A TPSM82822A TPSM82821A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com