Electronic Components Datasheet Search
  English  ▼

X  

TPSM82821 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82821
Description  TPSM8282x, TPSM8282xA 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82821 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPSM82821 Datasheet HTML 8Page - Texas Instruments TPSM82821 Datasheet HTML 9Page - Texas Instruments TPSM82821 Datasheet HTML 10Page - Texas Instruments TPSM82821 Datasheet HTML 11Page - Texas Instruments TPSM82821 Datasheet HTML 12Page - Texas Instruments TPSM82821 Datasheet HTML 13Page - Texas Instruments TPSM82821 Datasheet HTML 14Page - Texas Instruments TPSM82821 Datasheet HTML 15Page - Texas Instruments TPSM82821 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
9.2.1.1 Design Requirements
The design guidelines provide a component selection to operate the device within the recommended operating
conditions.
Table 9-1 lists the components used for Figure 9-1. Table 9-2 lists the components used for Figure 9-2.
Table 9-1. List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
C1
Ceramic capacitor, 4.7 µF, 6.3 V, X7R, size (0603), JMK107BB7475MA
Taiyo Yuden
C2
Ceramic capacitor, 2 × 10 µF, 10 V, X7R, size (0603), GRM188Z71A106MA73D
muRata
Ceramic capacitor, 1 × 22 µF, 6.3 V, X6S, size (0603), JMK107BC6226MA-T
Taiyo Yuden
C3
Ceramic capacitor, 120 pF, 50 V, size (0603), 06035A121JAT2A
AVX
R1
Resistor, 200 kΩ, 1% accuracy
std
R2
Resistor, 100 kΩ, 1% accuracy
std
R3
Resistor, 100 kΩ, 1% accuracy
std
Table 9-2. List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
C1
Ceramic capacitor, 4.7 µF, 6.3 V, X7R, size (0603), JMK107BB7475MA
Taiyo Yuden
C2
Ceramic capacitor, 22 µF, 4 V, X5R, size (0402), AMK105EBJ226MV-F
Taiyo Yuden
R3
Resistor, 100 kΩ, 1% accuracy
std
9.2.1.2 Detailed Design Procedure
9.2.1.2.1 Setting the Output Voltage
Choose resistors R1 and R2 to set the output voltage within a range of 0.6 V to 4 V according to Equation 5.
To keep the feedback (FB) net robust from noise, set R2 equal to or lower than 100 kΩ to have at least 6 µA of
current in the voltage divider. Lower values of FB resistors achieve better noise immunity, and lower light load
efficiency, as explained in the Design Considerations for a Resistive Feedback Divider in a DC/DC Converter
Technical Brief.
OUT
OUT
FB
V
V
R1
R2
1
R2
1
V
0.6V
§
·
§
·
u
u
¨
¸
¨
¸
©
¹
©
¹
(5)
For devices with a fixed output voltage, the FB pin must be connected to VOUT. R1, R2 and C3 are not needed.
The fixed output voltage devices have an internal feed forward capacitor.
9.2.1.2.2 Feedforward capacitor
A feedforward capacitor (C3) is required in parallel with R1. Equation 6 calculates the C3 value. For the
recommended 100-kΩ value for R2, a 120-pF feedforward capacitor is used.
12 s
C3
R2
P
(6)
9.2.1.2.3 Input and Output Capacitor Selection
For the best output and input voltage filtering, ceramic capacitors are required. The input capacitor minimizes
input voltage ripple, suppresses input voltage spikes, and provides a stable system rail for the device. A 4.7-µF
or larger input capacitor is required. The output capacitor value can range from 10 µF up to 47 µF. The
recommended typical output capacitor value is 2 × 10-µF or 1 × 22-µF with an X5R or X7R dielectric. Values
over 47 µF can degrade the loop stability of the converter. A feedforward capacitor is required for best transient
performance.
TPSM82823, TPSM82822, TPSM82821, TPSM82823A, TPSM82822A, TPSM82821A
SLVSEP0F – AUGUST 2019 – REVISED NOVEMBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPSM82823 TPSM82822 TPSM82821 TPSM82823A TPSM82822A TPSM82821A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com