Electronic Components Datasheet Search
  English  ▼

X  

TPSM82821 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82821
Description  TPSM8282x, TPSM8282xA 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82821 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPSM82821 Datasheet HTML 4Page - Texas Instruments TPSM82821 Datasheet HTML 5Page - Texas Instruments TPSM82821 Datasheet HTML 6Page - Texas Instruments TPSM82821 Datasheet HTML 7Page - Texas Instruments TPSM82821 Datasheet HTML 8Page - Texas Instruments TPSM82821 Datasheet HTML 9Page - Texas Instruments TPSM82821 Datasheet HTML 10Page - Texas Instruments TPSM82821 Datasheet HTML 11Page - Texas Instruments TPSM82821 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
u
OUT
ON
IN
V
t
250ns
V
(1)
In PWM mode, the TPSM8282x operates with pulse width modulation in continuous conduction mode (CCM)
with a tON shown in Equation 1 at medium and heavy load currents. A PWM switching frequency of typically 4
MHz is achieved by this tON circuitry.
To maintain high efficiency at light loads, the device enters power save mode seamlessly when the load current
decreases. This happens when the load current becomes smaller than half the ripple current of the inductor. The
output current at which this occurs can be approximated with the following equation:
IOUT(PSM-entry)=VIN×tON
2
×
1
−VOUTVINL
(2)
In PSM, the converter operates with a reduced switching frequency and with a minimum quiescent current to
maintain high efficiency. The on time in PSM is also based on the same tON circuitry. The switching frequency in
PSM is estimated as:
OUT
PSM
2
IN
OUT
IN
ON
OUT
2
I
f
V
V
V
t
V
L
u
u
u
(3)
In PSM, the output voltage rises slightly above the nominal output voltage in PWM mode. This effect is reduced
by increasing the output capacitance.
The forced PWM version of this device, the TPSM8282xA, does not enter PSM (power save mode) at light load
currents and stays in CCM (continuous conduction mode) regardless of the output current in order to minimize
the output ripple.
8.3.2 Low Dropout Operation (100% Duty Cycle)
The device offers a low input-to-output voltage differential by entering 100% duty cycle mode. In this mode, the
high-side MOSFET switch is constantly turned on. This is particularly useful in battery-powered applications to
achieve longest operation time by taking full advantage of the whole battery voltage range. The minimum input
voltage to maintain a minimum output voltage is given by:
VIN (min) = VOUT (min) + IOUT × RDP
(4)
where
• RDP = Resistance from VIN to VOUT, which includes the high-side MOSFET on-resistance and DC resistance
of the inductor
• VOUT (min) = Minimum output voltage the load can accept
8.3.3 Soft Start-up
After enabling the device, there is a 250-µs delay before switching starts. Then, an internal soft start-up circuitry
ramps up the output voltage which reaches nominal output voltage during the start-up time of 1 ms. This avoids
excessive inrush current and creates a smooth output voltage rise slope. It also prevents excessive voltage
drops of primary cells and rechargeable batteries with high internal impedance.
The device is able to start into a pre-biased output capacitor. It starts with the applied bias voltage and ramps the
output voltage to its nominal value.
TPSM82823, TPSM82822, TPSM82821, TPSM82823A, TPSM82822A, TPSM82821A
SLVSEP0F – AUGUST 2019 – REVISED NOVEMBER 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPSM82823 TPSM82822 TPSM82821 TPSM82823A TPSM82822A TPSM82821A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com