Electronic Components Datasheet Search
  English  ▼

X  

TPSM82821 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82821
Description  TPSM8282x, TPSM8282xA 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82821 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TPSM82821 Datasheet HTML 43Page - Texas Instruments TPSM82821 Datasheet HTML 44Page - Texas Instruments TPSM82821 Datasheet HTML 45Page - Texas Instruments TPSM82821 Datasheet HTML 46Page - Texas Instruments TPSM82821 Datasheet HTML 47Page - Texas Instruments TPSM82821 Datasheet HTML 48Page - Texas Instruments TPSM82821 Datasheet HTML 49Page - Texas Instruments TPSM82821 Datasheet HTML 50Page - Texas Instruments TPSM82821 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
www.ti.com
PACKAGE OUTLINE
C
2
8X 0.5
10X
0.3
0.2
10X
0.7
0.6
1.1 MAX
(0.05) TYP
COPPER PULLBACK
B
2.1
1.9
A
2.6
2.4
(2)
(1.25)
uSIP
- 1.1 mm max height
SIL0010D
MICRO SYSTEM IN PACKAGE
4223961/D 09/2019
PIN 1 INDEX
AREA
PICK AREA
NOTE 3
0.08 C
SEATING PLANE
0.1
C A B
0.05
C
1
5
10
SYMM
SYMM
6
PIN 1 ID
10X EXPOSED COPPER
SOLDER MASK
MicroSiP is a trademark of Texas Instruments
TM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Pick and place nozzle
0.33 mm or smaller recommended.
SCALE 6.000
www.ti.com
TPSM82823, TPSM82822, TPSM82821, TPSM82823A, TPSM82822A, TPSM82821A
SLVSEP0F – AUGUST 2019 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: TPSM82823 TPSM82822 TPSM82821 TPSM82823A TPSM82822A TPSM82821A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com