Electronic Components Datasheet Search
  English  ▼

X  

TPSM82821 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82821
Description  TPSM8282x, TPSM8282xA 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82821 Datasheet(HTML) 5 Page - Texas Instruments

  TPSM82821 Datasheet HTML 1Page - Texas Instruments TPSM82821 Datasheet HTML 2Page - Texas Instruments TPSM82821 Datasheet HTML 3Page - Texas Instruments TPSM82821 Datasheet HTML 4Page - Texas Instruments TPSM82821 Datasheet HTML 5Page - Texas Instruments TPSM82821 Datasheet HTML 6Page - Texas Instruments TPSM82821 Datasheet HTML 7Page - Texas Instruments TPSM82821 Datasheet HTML 8Page - Texas Instruments TPSM82821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
7.5 Electrical Characteristics
TJ = –40°C to 125°C and VIN = 2.4 V to 5.5 V. Typical values are at TJ = 25°C and VIN = 5 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IQ
Quiescent current into the VIN
EN = High, no load, device not switching
4
10
µA
ISD
Shutdown current into the VIN
EN = Low, TJ = –40°C to 85°C
0.05
0.5
µA
IQ
Quiescent current
EN = High, no load, device switching, FPWM devices
8
mA
VUVLO
Undervoltage lockout threshold
VIN falling
2.1
2.2
2.3
V
Undervoltage lockout hysteresis
VIN rising
160
mV
TJSD
Thermal shutdown threshold
TJ rising
150
°C
Thermal shutdown hysteresis
TJ falling
20
°C
LOGIC INTERFACE EN
VIH
High-level input voltage
1.0
V
VIL
Low-level input voltage
0.4
V
Ilkg(EN)
Input leakage current into EN pin
EN = High
0.01
0.1
µA
SOFT START, POWER GOOD
tSS
Soft-start time
Time from EN high to 95% of VOUT nominal
1.25
ms
VPGTH
Power-good lower threshold
VPG rising, VFB referenced to VFB nominal
94%
96%
98%
VPG falling, VFB referenced to VFB nominal
90%
92%
94%
Power-good upper threshold
VPG falling, VFB referenced to VFB nominal
103%
105%
107%
VPG rising, VFB referenced to VFB nominal
108%
110%
112%
VPG,OL
Low-level output voltage
Isink = 1 mA
0.4
V
Ilkg(PG)
Input leakage current into PG pin
VPG = 5 V
0.01
0.1
µA
OUTPUT
VOUT
Output voltage accuracy
TPSM828211, TPSM828221, PWM mode
1.188
1.2
1.212
V
TPSM828212, TPSM828222, PWM mode
1.782
1.8
1.818
TPSM828213, TPSM828223, PWM mode
2.475
2.5
2.525
TPSM828214, TPSM828224, PWM mode
3.267
3.3
3.333
VFB
Feedback regulation voltage
PWM mode
594
600
606
mV
Ilkg(FB)
Feedback input leakage current
VFB = 0.6 V
0.01
0.05
µA
IDIS
Output discharge current
EN = Low, VSW = 0.4 V
75
400
mA
POWER SWITCH
RDS(on)
High-side FET on-resistance
26
mΩ
Low-side FET on-resistance
26
mΩ
RDP
Dropout resistance
TPSM82821, TPSM82821A, 100% mode. VIN = 2.7 V, TJ
= 25°C
115
145
mΩ
TPSM82822, TPSM82822A, 100% mode. VIN = 2.7 V, TJ
= 25°C
90
120
TPSM82823, TPSM82823A, 100% mode. VIN = 2.7 V, TJ
= 25°C
70
95
ILIMF
High-side FET switch current limit
TPSM82821A
1.7
2.1
2.4
A
ILIMF
High-side FET switch current limit
TPSM82821
1.75
2.2
2.75
A
TPSM82822, TPSM82822A
2.7
3.3
3.9
TPSM82823, TPSM82823A
3.7
4.3
5.0
ILIM
Low-side FET negative current limit, DC
TPSM82821A/TPSM82822A/TPSM82823A
–1.6
A
fSW
PWM switching frequency
IOUT = 1 A
4
MHz
www.ti.com
TPSM82823, TPSM82822, TPSM82821, TPSM82823A, TPSM82822A, TPSM82821A
SLVSEP0F – AUGUST 2019 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPSM82823 TPSM82822 TPSM82821 TPSM82823A TPSM82822A TPSM82821A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com