Electronic Components Datasheet Search
  English  ▼

X  

TPSM82821 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82821
Description  TPSM8282x, TPSM8282xA 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82821 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPSM82821 Datasheet HTML 2Page - Texas Instruments TPSM82821 Datasheet HTML 3Page - Texas Instruments TPSM82821 Datasheet HTML 4Page - Texas Instruments TPSM82821 Datasheet HTML 5Page - Texas Instruments TPSM82821 Datasheet HTML 6Page - Texas Instruments TPSM82821 Datasheet HTML 7Page - Texas Instruments TPSM82821 Datasheet HTML 8Page - Texas Instruments TPSM82821 Datasheet HTML 9Page - Texas Instruments TPSM82821 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
7.6 Typical Characteristics
Input Voltage (V)
2.4
2.9
3.4
3.9
4.4
4.9
5.4
70.0
80.0
90.0
100.0
110.0
120.0
130.0
140.0
150.0
160.0
D030
TJ = -40 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Figure 7-1. TPSM82821/TPSM82821A Dropout
Resistance
Input Voltage (V)
2.4
2.9
3.4
3.9
4.4
4.9
5.4
40.0
50.0
60.0
70.0
80.0
90.0
100.0
110.0
120.0
130.0
D030
TJ = -40 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Figure 7-2. TPSM82822/TPSM82822A Dropout
Resistance
Input Voltage (V)
2.4
2.9
3.4
3.9
4.4
4.9
5.4
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
110.0
TJ = -40 °C
TJ = 25 °C
TJ = 85 °C
TJ = 125 °C
Figure 7-3. TPSM82823/TPSM82823A Dropout
Resistance
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
2.0
4.0
6.0
8.0
D031
TJ = -40 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Figure 7-4. Quiescent Current
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.1
0.2
0.3
0.4
0.5
D032
TJ = -40 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
Figure 7-5. Shutdown Current
TPSM82823, TPSM82822, TPSM82821, TPSM82823A, TPSM82822A, TPSM82821A
SLVSEP0F – AUGUST 2019 – REVISED NOVEMBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPSM82823 TPSM82822 TPSM82821 TPSM82823A TPSM82822A TPSM82821A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com