Electronic Components Datasheet Search
  English  ▼

X  

TPSM82821 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82821
Description  TPSM8282x, TPSM8282xA 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82821 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPSM82821 Datasheet HTML 15Page - Texas Instruments TPSM82821 Datasheet HTML 16Page - Texas Instruments TPSM82821 Datasheet HTML 17Page - Texas Instruments TPSM82821 Datasheet HTML 18Page - Texas Instruments TPSM82821 Datasheet HTML 19Page - Texas Instruments TPSM82821 Datasheet HTML 20Page - Texas Instruments TPSM82821 Datasheet HTML 21Page - Texas Instruments TPSM82821 Datasheet HTML 22Page - Texas Instruments TPSM82821 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
9.2.1.3.2 TPSM82821A Performance Curves
Load (A)
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D033
D005
VOUT = 0.6V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VIN = 5 V
TA = 25°C
TPSM82821A
Figure 9-29. Efficiency
Load (A)
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D033
D005
VOUT = 0.6V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VIN = 5 V
TA = 85°C
TPSM82821A
Figure 9-30. Efficiency
Load (A)
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D033
D005
VOUT = 0.6V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VIN = 4.2 V
TA = 25°C
TPSM82821A
Figure 9-31. Efficiency
Load (A)
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D033
D005
VOUT = 0.6V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VIN = 4.2 V
TA = 85°C
TPSM82821A
Figure 9-32. Efficiency
Load (A)
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D033
D005
VOUT = 0.6V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VIN = 3.3 V
TA = 25°C
TPSM82821A
Figure 9-33. Efficiency
Load (A)
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D033
D005
VOUT = 0.6V
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VIN = 3.3 V
TA = 85°C
TPSM82821A
Figure 9-34. Efficiency
www.ti.com
TPSM82823, TPSM82822, TPSM82821, TPSM82823A, TPSM82822A, TPSM82821A
SLVSEP0F – AUGUST 2019 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPSM82823 TPSM82822 TPSM82821 TPSM82823A TPSM82822A TPSM82821A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com