Electronic Components Datasheet Search
  English  ▼

X  

TPSM82821 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82821
Description  TPSM8282x, TPSM8282xA 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82821 Datasheet(HTML) 4 Page - Texas Instruments

  TPSM82821 Datasheet HTML 1Page - Texas Instruments TPSM82821 Datasheet HTML 2Page - Texas Instruments TPSM82821 Datasheet HTML 3Page - Texas Instruments TPSM82821 Datasheet HTML 4Page - Texas Instruments TPSM82821 Datasheet HTML 5Page - Texas Instruments TPSM82821 Datasheet HTML 6Page - Texas Instruments TPSM82821 Datasheet HTML 7Page - Texas Instruments TPSM82821 Datasheet HTML 8Page - Texas Instruments TPSM82821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
Over operating junction temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
Pin voltage
VIN, VOUT, FB, EN, PG (2)
–0.3
6
V
ISINK_PG
Sink current at PG pin
1
mA
TJ
Operating junction temperature
–40
125
°C
Tstg
Storage temperature
–55
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values are with respect to the network ground terminal.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
VIN
Input voltage
2.4
5.5
V
VOUT
Output voltage range
0.6
4
V
VPG
Pullup resistor voltage
5.5
V
IOUT
Output current range, TPSM82821, TPSM82821A (1)
0
1
A
Output current range, TPSM82822, TPSM82822A (1)
0
2
Output current range, TPSM82823,TPSM82823A (1)
0
3
TJ
Junction temperature (1)
–40
125
°C
(1)
In applications where high power dissipation and high ambient temperatures are present, the maximum output current must be derated
to operate the module within its operating temperature range. See Section 11.2.1.
7.4 Thermal Information
THERMAL METRIC(1)
TPSM8282x
UNIT
μSiL (JEDEC 51-7)
TPSM8282xEVM-080
TPSM8282xAEVM-127
10-PINS
RθJA
Junction-to-ambient thermal resistance
92.6
64.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
49.6
n/a (2)
°C/W
RθJB
Junction-to-board thermal resistance
27.7
n/a (2)
°C/W
ψJT
Junction-to-top characterization parameter
5.8
4.3
°C/W
ψJB
Junction-to-board characterization parameter
26.9
22.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Not applicable to an EVM.
TPSM82823, TPSM82822, TPSM82821, TPSM82823A, TPSM82822A, TPSM82821A
SLVSEP0F – AUGUST 2019 – REVISED NOVEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPSM82823 TPSM82822 TPSM82821 TPSM82823A TPSM82822A TPSM82821A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com