Electronic Components Datasheet Search
  English  ▼

X  

TPSM82821 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82821
Description  TPSM8282x, TPSM8282xA 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82821 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPSM82821 Datasheet HTML 12Page - Texas Instruments TPSM82821 Datasheet HTML 13Page - Texas Instruments TPSM82821 Datasheet HTML 14Page - Texas Instruments TPSM82821 Datasheet HTML 15Page - Texas Instruments TPSM82821 Datasheet HTML 16Page - Texas Instruments TPSM82821 Datasheet HTML 17Page - Texas Instruments TPSM82821 Datasheet HTML 18Page - Texas Instruments TPSM82821 Datasheet HTML 19Page - Texas Instruments TPSM82821 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
Ambient Temperature (°C)
45
55
65
75
85
95
105
115
125
0
0.5
1
1.5
VIN = 5 V
VOUT = 3.3 V
TPSM82821
RθJA = 64.3°C/W
Figure 9-15. Safe Operating Area
Load (A)
0.588
0.591
0.594
0.597
0.6
0.603
0.606
0.609
0.612
100P
1m
10m
100m
1
D037
VIN = 2.5 V
VIN = 3.3 V
VIN = 4.2 V
VIN = 5.0 V
VOUT = 0.6 V
TPSM82821
Figure 9-16. Load Regulation
Load (A)
1.188
1.191
1.194
1.197
1.2
1.203
1.206
1.209
1.212
100P
1m
10m
100m
1
D037
VIN = 2.5 V
VIN = 3.3 V
VIN = 4.2 V
VIN = 5.0 V
VOUT = 1.2 V
TPSM82821
Figure 9-17. Load Regulation
Load (A)
1.79
1.794
1.798
1.802
1.806
1.81
100P
1m
10m
100m
1
D037
VIN = 2.5 V
VIN = 3.3 V
VIN = 4.2 V
VIN = 5.0 V
VOUT = 1.8 V
TPSM82821
Figure 9-18. Load Regulation
Load (A)
2.496
2.497
2.498
2.499
2.5
2.501
2.502
2.503
2.504
100P
1m
10m
100m
1
D038
VIN = 5 V
VIN = 4.2 V
VIN = 3.3 V
VOUT = 2.5 V
TPSM82821
Figure 9-19. Load Regulation
Load (A)
3.245
3.256
3.267
3.278
3.289
3.3
3.311
3.322
3.333
3.344
100P
1m
10m
100m
1
D037
VIN = 4.2V
VIN = 5.0 V
VOUT = 3.3 V
TPSM82821
Figure 9-20. Load Regulation
TPSM82823, TPSM82822, TPSM82821, TPSM82823A, TPSM82822A, TPSM82821A
SLVSEP0F – AUGUST 2019 – REVISED NOVEMBER 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPSM82823 TPSM82822 TPSM82821 TPSM82823A TPSM82822A TPSM82821A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com