Electronic Components Datasheet Search
  English  ▼

X  

TPSM82821 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82821
Description  TPSM8282x, TPSM8282xA 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82821 Datasheet(HTML) 1 Page - Texas Instruments

  TPSM82821 Datasheet HTML 1Page - Texas Instruments TPSM82821 Datasheet HTML 2Page - Texas Instruments TPSM82821 Datasheet HTML 3Page - Texas Instruments TPSM82821 Datasheet HTML 4Page - Texas Instruments TPSM82821 Datasheet HTML 5Page - Texas Instruments TPSM82821 Datasheet HTML 6Page - Texas Instruments TPSM82821 Datasheet HTML 7Page - Texas Instruments TPSM82821 Datasheet HTML 8Page - Texas Instruments TPSM82821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
TPSM8282x, TPSM8282xA 1-A, 2-A, and 3-A High Efficiency Step-Down Converter
MicroSiP™ Power Module with Integrated Inductor
1 Features
• 1.1-mm profile MicroSiP™ power module
• CISPR 11 class B compliant
• Up to 95% efficiency
• 2.4-V to 5.5-V input voltage range
• 0.6-V to 4-V adjustable output voltage
• Fixed output voltages available: 1.2-V, 1.8-V, 2.5-V
and 3.3-V
• 4-μA operating quiescent current
• DCS-control topology
• Power save mode option available for light load
efficiency
• Forced-PWM option available for CCM operation
• 100% duty cycle for lowest dropout
• Hiccup short circuit protection
• Output discharge
• Power good output with window comparator
• Integrated soft start-up
• Overtemperature protection
• PSPICE models available for: TPSM82821,
TPSM82822 and TPSM82823
• 2.0-mm × 2.5-mm × 1.1-mm 10-pin μSiL package
• 12 mm2 total solution size (for the fixed output
voltage versions)
2 Applications
• Optical modules
• Machine vision
• Industrial PCs
• PLCs
• Wired Networking
3 Description
The TPSM8282x device family consists of a 1-A, 2-
A, and 3-A step-down converter MicroSiP™ power
modules optimized for small solution size and high
efficiency.
The power modules integrate a synchronous step-
down converter and an inductor to simplify design,
reduce external components and save PCB area.
The TPSM8282x is available in two flavors. The
first includes an automatically entered power save
mode to maintain high efficiency down to very light
loads for extending the system battery run-time. The
second version, the TPSM8282xA, runs in forced-
PWM maintaining a continuous conduction mode at
all currents to minimize the output ripple. In PWM
mode the converter operates with a nominal switching
frequency of 4MHz.
In power save mode, the device operates with
typically 4-µA quiescent current. Using the DCS-
Control topology, the device achieves excellent
load transient performance and accurate output
voltage regulation. The EN and PG pins, which
support sequencing configurations, bring a flexible
system design. An integrated soft start-up reduces
the inrush current required from the input supply.
Overtemperature protection and hiccup short circuit
protection deliver a robust and reliable solution.
Device Information
PART NUMBER
(1)
PACKAGE
BODY SIZE (NOM)
TPSM82821xSILR
µSiL (10)
2.0 mm × 2.5 mm
TPSM82822xSILR
TPSM82823xSILR
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
TPSM828222
2.4V to 5.5V
V
IN
POWER
GOOD
VOUT
FB
VIN
GND
EN
PG
V
OUT
1.8V/2A
C1
4.7 µF
R3
100 k
1 x 22 µF
C2
Fixed Output Application set at 1.8-V Output
Voltage
Load (A)
60
65
70
75
80
85
90
95
100
100µ
1m
10m
100m
1
3
D033
VIN = 2.4V
VIN = 3.3V
VIN = 4.2V
VIN = 5V
TPSM82823 Efficiency at 1.8-V Output Voltage
TPSM82823, TPSM82822, TPSM82821, TPSM82823A, TPSM82822A, TPSM82821A
SLVSEP0F – AUGUST 2019 – REVISED NOVEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPSM82821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM82821 TI1-TPSM82821 Datasheet
1Mb / 28P
TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82821 TI1-TPSM82821 Datasheet
1Mb / 28P
TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82821 TI-TPSM82821 Datasheet
3Mb / 39P
TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82821 TI-TPSM82821 Datasheet
4Mb / 44P
TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM828211SILR TI-TPSM828211SILR Datasheet
3Mb / 39P
TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
More results

Similar Description - TPSM82821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82084 TI-TPS82084_15 Datasheet
810Kb / 23P
TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82085 TI-TPS82085_15 Datasheet
1Mb / 25P
TPS82085 3-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
1Mb / 25P
TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPSM82822 TI1-TPSM82822 Datasheet
1Mb / 24P
TPSM82822 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V01 Datasheet
1Mb / 28P
TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V02 Datasheet
1Mb / 28P
TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V03 Datasheet
1Mb / 28P
TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI-TPSM82822_V04 Datasheet
3Mb / 39P
TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82823 TI-TPSM82823 Datasheet
4Mb / 44P
TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com