Electronic Components Datasheet Search
  English  ▼

X  

TPSM82821 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM82821
Description  TPSM8282x, TPSM8282xA 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM82821 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPSM82821 Datasheet HTML 3Page - Texas Instruments TPSM82821 Datasheet HTML 4Page - Texas Instruments TPSM82821 Datasheet HTML 5Page - Texas Instruments TPSM82821 Datasheet HTML 6Page - Texas Instruments TPSM82821 Datasheet HTML 7Page - Texas Instruments TPSM82821 Datasheet HTML 8Page - Texas Instruments TPSM82821 Datasheet HTML 9Page - Texas Instruments TPSM82821 Datasheet HTML 10Page - Texas Instruments TPSM82821 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
8 Detailed Description
8.1 Overview
The TPSM8282x synchronous step-down converter power module is based on DCS-Control (Direct Control
with Seamless transition into power save mode). This is an advanced regulation topology that combines the
advantages of hysteretic, voltage, and current mode control.
The DCS-Control topology operates in PWM (pulse width modulation) mode for medium to heavy load conditions
and in PSM (power save mode) at light load currents. In PWM, the converter operates with its nominal
switching frequency of 4 MHz, having a controlled frequency variation over the input voltage range. As the load
current decreases, the converter enters power save mode, reducing the switching frequency and minimizing the
quiescent current of the IC to achieve high efficiency over the entire load current range. DCS-Control supports
both operation modes using a single building block and, therefore, has a seamless transition from PWM to PSM
without effects on the output voltage.
The forced PWM versions of this device, the TPSM8282xA, does not enter PSM (power save mode) at light load
currents and stays in CCM (continuous conduction mode) regardless of the output current in order to minimize
the output ripple.
The TPSM8282x offers excellent DC voltage regulation and load transient regulation, combined with low output
voltage ripple, minimizing interference with RF circuits.
8.2 Functional Block Diagram
VOUT
FB
GND
Output Discharge
Logic
Direct Control
and
Compensation
Timer
ton
Comparator
Ramp
Error Amplifier
DCS - Control
TM
MOSFET Driver
Control Logic
High Side
Current Sense
Hiccup
Counter
VIN
EN
Bandgap
Undervoltage Lockout
Thermal Shutdown
EN
PG
V
REF
L
(1)
SW
Fixed VOUT
VPGTH(high)
VFB
VPGTH(low)
PG
deglitch
+
+
-
-
(1) Inductance value is 0.47 µH in TPSM82821/TPSM82821A, 0.24 µH in TPSM82822/TPSM82822A and 0.24 µH in TPSM82823/
TPSM82823A.
8.3 Feature Description
8.3.1 PWM and PSM Operation
The TPSM8282x includes a fixed on-time (tON) circuitry. This tON, in steady-state operation in PWM and PSM
modes, is estimated as:
www.ti.com
TPSM82823, TPSM82822, TPSM82821, TPSM82823A, TPSM82822A, TPSM82821A
SLVSEP0F – AUGUST 2019 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPSM82823 TPSM82822 TPSM82821 TPSM82823A TPSM82822A TPSM82821A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com