Electronic Components Datasheet Search
  English  ▼

X  

MAX694C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX694C/D
Description  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX694C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX694C/D Datasheet HTML 3Page - Maxim Integrated Products MAX694C/D Datasheet HTML 4Page - Maxim Integrated Products MAX694C/D Datasheet HTML 5Page - Maxim Integrated Products MAX694C/D Datasheet HTML 6Page - Maxim Integrated Products MAX694C/D Datasheet HTML 7Page - Maxim Integrated Products MAX694C/D Datasheet HTML 8Page - Maxim Integrated Products MAX694C/D Datasheet HTML 9Page - Maxim Integrated Products MAX694C/D Datasheet HTML 10Page - Maxim Integrated Products MAX694C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Watchdog Timer
The microprocessor drives the WATCHDOG INPUT
(WDI) with an I/O line. When OSC IN and OSC SEL are
unconnected, the microprocessor must toggle the WDI
pin once every 1.6s to verify proper software execution. If
a hardware or software failure occurs such that WDI not
toggled the MAX691/MAX693 will issue a 50ms* RESET
pulse after 1.6s. This typically restarts the microproces-
sor’s power-up routine. A new RESET pulse is issued
every 1.6s until the WDI is again strobed.
The WATCHDOG OUTPUT (WDO) goes low if the
watchdog timer is not serviced within its timeout period.
Once WDO goes low it remains low until a transition
occurs at WDI. The watchdog timer feature can be dis-
abled by leaving WDI unconnected. OSC IN and OSC
SEL also allow other watchdog timing options, as shown
in Table 1 and Figure 8.
MAX690, MAX692, and MAX694
The 8 pin MAX690, MAX692, and MAX694 have most
of the features of the MAX691, MAX693, and MAX695.
Figure 2 shows the MAX690/MAX692/MAX694 in a typical
application. Operation is much the same as with the
MAX691/MAX693/MAX695 (Figure 1), but in this case, the
power- fail input (PFI) monitors the unregulated input to the
7805 regulator. The MAX690/MAX694 RESET output goes
low when VCC falls below 4.65V. The RESET output of the
MAX692 goes low when VCC drops below 4.4V.
The current consumption of the battery-backed-up power
bus must be less than 50mA. The MAX690/MAX692/
MAX694 does not have a BATT ON output to drive an
external transistor. The MAX690/MAX692/MAX694 also
does not include chip enable gating circuitry that is avail-
able on the MAX690/MAX692/MAX694. In many systems
though, CE gating is not needed since a low input to
the microprocessor RESET line prevents the processor
from writing to RAM during power-up and power-down
transients.
The MAX690/MAX692/MAX694 watchdog timer has a
fixed 1.6s timeout period. If WDI remains either low or
high for more than 1.6s, a RESET pulse is sent to the
microprocessor. The watchdog timer is disabled if WDI is
left unconnected.
*200ms for MAX695
Figure 2. MAX690/692/694 Typical Application
7805
3-TERMINAL
REGULATOR
+8V
+5V
0.1µF
0.1µF
2
4
3
MAX690
MAX692
MAX694
GND
MICROPROCESSOR
MICRO-
PROCESSOR
POWER
POWER
TO
CMOS
RAM
1
VCC
VOUT
8
7
5
6
VBATT
RESET
PFI
RESET
PFO
NMI
WDI
I/O LINE
MAX690–MAX695
Microprocessor Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com