Electronic Components Datasheet Search
  English  ▼

X  

MAX694C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX694C/D
Description  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX694C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX694C/D Datasheet HTML 6Page - Maxim Integrated Products MAX694C/D Datasheet HTML 7Page - Maxim Integrated Products MAX694C/D Datasheet HTML 8Page - Maxim Integrated Products MAX694C/D Datasheet HTML 9Page - Maxim Integrated Products MAX694C/D Datasheet HTML 10Page - Maxim Integrated Products MAX694C/D Datasheet HTML 11Page - Maxim Integrated Products MAX694C/D Datasheet HTML 12Page - Maxim Integrated Products MAX694C/D Datasheet HTML 13Page - Maxim Integrated Products MAX694C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Figure 5. Reset Block Diagram
Figure 6. Reset Timing
+
-
1.3V
RESET RESET
TIME
QR
RESET
RESET
WATCHDOG
FROM
WATCHDOG
TIMER
VCC
CE IN
CE OUT
LOW LINE
10 kHz CLOCK
FROM TIMEBASE
SECTION
POWER-ON
RESET
METAL
LINK
TRIMMED
RESISTORS
4.7V
50ms*
VCC
RESET
OUTPUT
4.7V
4.6V
4.6V
*200ms FOR MAX694 AND MAX695
VOUT - VBATT
LOW LINE
OUTPUT
CE IN
CE IN
50ms*
MAX690–MAX695
Microprocessor Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com