Electronic Components Datasheet Search
  English  ▼

X  

MAX694C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX694C/D
Description  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX694C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX694C/D Datasheet HTML 1Page - Maxim Integrated Products MAX694C/D Datasheet HTML 2Page - Maxim Integrated Products MAX694C/D Datasheet HTML 3Page - Maxim Integrated Products MAX694C/D Datasheet HTML 4Page - Maxim Integrated Products MAX694C/D Datasheet HTML 5Page - Maxim Integrated Products MAX694C/D Datasheet HTML 6Page - Maxim Integrated Products MAX694C/D Datasheet HTML 7Page - Maxim Integrated Products MAX694C/D Datasheet HTML 8Page - Maxim Integrated Products MAX694C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
VCC = full operating range, VBATT = 2.8V, TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Battery Switchover Hysteresis
20
mV
BATT ON Output Voltage
ISINK = 3.2mA
0.4
V
BATT ON Output Short-Circuit Current
BATT ON = VOUT = 4.5V sink current
25
mA
BATT ON = 0V source current
0.5
1
25
µA
RESET AND WATCHDOG TIMER
Reset Voltage Threshold
TA = full
operating range
MAX690, MAX691,
MAX694, MAX695
4.5
4.65
4.75
V
MAX692, MAX693
4.25
4.4
4.5
Reset Threshold Hysteresis
40
mV
Reset Timeout Delay (MAX690/MAX691/
MAX692/MAX693)
Figure 6, OSC SEL HIGH, VCC = 5V
35
50
70
ms
Reset Timeout Delay (MAX694/MAX695)
Figure 6, OSC SEL HIGH, VCC = 5V
140
200
280
ms
Watchdog Timeout Period, Internal Oscillator
Long period, VCC = 5V
1.0
1.6
2.25
s
Short period, VCC = 5V
70
100
140
ms
Watchdog Timeout Period, External Clock
Long period
3840
4097
Clock
Cycles
Short period
768
1025
Minimum WDI Input Pulse Width
VIL = 0.4, VIH = 0.8VCC
200
ns
RESET and LOW LINE Output Voltage
ISINK = 1.6mA, VCC = 4.25V
0.4
V
ISOURCE = 1µA, VCC = 5V
3.5
RESET and WDO Output Voltage
ISINK = 1.6mA
0.4
V
ISOURCE = 1µA, VCC = 5V
3.5
Output Short-Circuit Current
RESET, RESET, WDO, LOW LINE
1
3
25
µA
WDI Input Threshold Logic-Low
VCC = 5V (Note 2)
0.8
V
WDI Input Threshold Logic-High
VCC = 5V (Note 2)
3.5
WDI Input Current
WDI = VOUT
20
50
µA
WDI = 0V
-50
-15
POWER-FAIL DETECTOR
PFI Threshold
VCC = 5V, TA = full
1.2
1.3
1.4
V
PFI Current
±0.01
±25
nA
PFO Output Voltage
ISINK = 3.2mA
0.4
V
ISOURCE = 1µA
3.5
V
PFO Short Circuit Source Current
PFI = VIH, PFO = 0V
1
3
25
µA
MAX690–MAX695
Microprocessor Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com