Electronic Components Datasheet Search
  English  ▼

X  

MAX694C/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX694C/D
Description  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX694C/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX694C/D Datasheet HTML 10Page - Maxim Integrated Products MAX694C/D Datasheet HTML 11Page - Maxim Integrated Products MAX694C/D Datasheet HTML 12Page - Maxim Integrated Products MAX694C/D Datasheet HTML 13Page - Maxim Integrated Products MAX694C/D Datasheet HTML 14Page - Maxim Integrated Products MAX694C/D Datasheet HTML 15Page - Maxim Integrated Products MAX694C/D Datasheet HTML 16Page - Maxim Integrated Products MAX694C/D Datasheet HTML 17Page - Maxim Integrated Products MAX694C/D Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Table 2. Input and Output Status In Battery Backup Mode
VBATT, VOUT
VBATT is connected to VOUT via internal MOSFET.
RESET
Logic-low
RESET
Logic-high. The open circuit output voltage is equal to VOUT.
LOW LINE
Logic-low
BATT ON
Logic-high
WDI
WDI is internally disconnected from its internal pullup and does not source or sink current as long as its input
voltage is between GND and VOUT. The input voltage does not affect the source current.
WDO
Logic-high
PFI
The power-fail comparator is turned off and the power-fail input voltage has no effect on the power-fail output.
PFO
Logic-low
CE IN
CE IN is internally disconnected from its internal pullup and does not source or sink current as long as its input
voltage is between GND and VOUT. The input voltage does not affect the source current.
CE OUT
Logic-high
OSC IN
OSC IN is ignored.
OSC SEL
OSC SEL is ignored.
VCC
Approximately 12µA is drawn from the VBATT input when VCC is between VBATT +100mV and VBATT - 700mV.
The supply current is 1µA maximum when VCC is less than VBATT - 700mV.
MAX690–MAX695
Microprocessor Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com