Electronic Components Datasheet Search
  English  ▼

X  

MAX694C/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX694C/D
Description  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX694C/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX694C/D Datasheet HTML 9Page - Maxim Integrated Products MAX694C/D Datasheet HTML 10Page - Maxim Integrated Products MAX694C/D Datasheet HTML 11Page - Maxim Integrated Products MAX694C/D Datasheet HTML 12Page - Maxim Integrated Products MAX694C/D Datasheet HTML 13Page - Maxim Integrated Products MAX694C/D Datasheet HTML 14Page - Maxim Integrated Products MAX694C/D Datasheet HTML 15Page - Maxim Integrated Products MAX694C/D Datasheet HTML 16Page - Maxim Integrated Products MAX694C/D Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Application Hints
Other Uses of the Power-Fail Detector
In Figure 9, the power-fail detector is used to initiate a
system reset when VCC falls to 4.85V. Since the thresh-
old of the power-fail detector is not as accurate as the
onboard reset-voltage detector, a trimpot must be used
to adjust the voltage detection threshold. Both the PFO
and RESET outputs have high sink current capability and
only 10µA of source current drive. This allows the two
outputs to be connected directly to each other in a wired
OR fashion.
The overvoltage detector circuit in Figure 10 resets the
microprocessor whenever the nominal 5V VCC is above
5.5V. The battery monitor circuit (Figure 11) shows the
status of the memory backup battery. If desired, the CE
OUT can be used to apply a test load to the battery. Since
CE OUT is forced high during the battery backup mode,
the test load will not be applied to the battery while it is in
use even if the microprocessor is not powered.
Adding Hysteresis
to the Power Fail Comparator
Since the power fail comparator circuit is noninvert-
ing, hysteresis can be added by connecting a resistor
between the PFO output and the PFI input as shown in
Figure 12. When PFO is low, resistor R3 sinks current
from the summing junction at the PFI pin. When PFO is
high, the series combination of R3 and R4 source current
into the PFI summing junction.
Alternate Watchdog Input Drive Circuits
The Watchdog feature can be enabled and disabled
under program control by driving WDI with a three-state
buffer (Figure 13). The drawback to this circuit is that a
software fault may be erroneously three-state the buffer,
thereby preventing the MAX690 from detecting that the
microprocessor is no longer working. In most cases a bet-
ter method is to extend the watchdog period rather than
disabling the watchdog. See Figure 14. When the control
input is high, the OSC SEL pin is low and the watchdog
timeout is set by the external capacitor. A 0.01µF capaci-
tor sets a watchdog timeout delay of 100s. When the
control input is low the OSC SEL pin is high, selecting
the internal oscillator. The 100ms or the 1.6s period is
chosen, depending on which diode in Figure 14 is used.
Figure 9. Externally Adjustable VCC Reset Threshold
Figure 10. Reset on Overvoltage or Undervoltage
MAX690
MAX691
MAX692
MAX693
MAX694
MAX695
PFI
TO µP
RESET
INPUT
GND
+5V
VCC
PFO
10kΩ
2kΩ
29.4kΩ
RESET
MAX690
MAX691
MAX692
MAX693
MAX694
MAX695
PFI
TO µP
RESET
INPUT
N-CHANNEL
GND
+5V
VCC
PFO
10kΩ
2kΩ
35.7kΩ
RESET
MAX690–MAX695
Microprocessor Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com