Electronic Components Datasheet Search
  English  ▼

X  

MAX694C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX694C/D
Description  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX694C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX694C/D Datasheet HTML 8Page - Maxim Integrated Products MAX694C/D Datasheet HTML 9Page - Maxim Integrated Products MAX694C/D Datasheet HTML 10Page - Maxim Integrated Products MAX694C/D Datasheet HTML 11Page - Maxim Integrated Products MAX694C/D Datasheet HTML 12Page - Maxim Integrated Products MAX694C/D Datasheet HTML 13Page - Maxim Integrated Products MAX694C/D Datasheet HTML 14Page - Maxim Integrated Products MAX694C/D Datasheet HTML 15Page - Maxim Integrated Products MAX694C/D Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Note 1: The MAX690/MAX692/MAX694 watchdog timeout period is fixed at 1.6s nominal, the MAX690/692 reset pulse width is fixed
at 50ms nominal and the MAX694 is 200ms nominal.
Note 2: When the MAX691 OSC SEL pin is low, OSC IN can be driven by an external clock signal or an external capacitor can be
connected between OSC IN and GND. The nominal internal oscillator frequency is 6.55kHz. The nominal oscillator frequency
with capacitor is:
OSC
120,000
f
(Hz)
C(pF)
=
Note 3: See Electrical Characteristics table for minimum and maximum timing values.
Figure 8. Oscillator Circuits
Table 1. MAX691/MAX693/MAX695 Reset Pulse Width and Watchdog Timeout Selections
OSC SEL
OSC IN
WATCHDOG TIMEOUT PERIOD
RESET TIMEOUT PERIOD
NORMAL
IMMEDIATELY
AFTER REST
MAX691/MAX693
MAX695
Low
External Clock Input
1024 clks
4096 clks
512 clks
2048 clks
Low
External Capacitor
400ms/47pF x C
1.6s/47pF x C
200ms/47pF x C
800ms/47pF x C
Floating
Low
100ms
1.6s
50ms
200ms
Floating
Floating
1.6s
1.6s
50ms
200ms
MAX691
MAX693
MAX695
EXTERNAL CLOCK
0 TO 250kHz
OSC SEL
OSC IN
8
7
MAX691
MAX693
MAX695
EXTERNAL OSCILLATOR
COSC
OSC SEL
OSC IN
8
7
MAX691
MAX693
MAX695
INTERNAL OSCILLATOR
1.6s WATCHDOG
N.C.
OSC SEL
OSC IN
8
N.C.
8
7
MAX691
MAX693
MAX695
INTERNAL OSCILLATOR
100ms WATCHDOG
OSC SEL
OSC IN
7
N.C.
MAX690–MAX695
Microprocessor Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com