Electronic Components Datasheet Search
  English  ▼

X  

MAX694C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX694C/D
Description  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX694C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX694C/D Datasheet HTML 1Page - Maxim Integrated Products MAX694C/D Datasheet HTML 2Page - Maxim Integrated Products MAX694C/D Datasheet HTML 3Page - Maxim Integrated Products MAX694C/D Datasheet HTML 4Page - Maxim Integrated Products MAX694C/D Datasheet HTML 5Page - Maxim Integrated Products MAX694C/D Datasheet HTML 6Page - Maxim Integrated Products MAX694C/D Datasheet HTML 7Page - Maxim Integrated Products MAX694C/D Datasheet HTML 8Page - Maxim Integrated Products MAX694C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
VCC = full operating range, VBATT = 2.8V, TA = +25°C, unless otherwise noted.)
Note 1: The input voltage limits on PFI and WDI may be exceeded provided the input current is limited to less than 10mA.
Note 2: WDI is guaranteed to be in the mid-level (inactive) state if WDI is floating and VCC is in the operating voltage range. WDI is
internally biased to 38% of VCC with an impedance of approximately 125kΩ.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CHIP ENABLE GATING
CE IN Thresholds
VIL
0.8
V
VIH
3.0
CE IN Pullup Current
3
µA
CE OUT Output Voltage
ISINK = 3.2mA
0.4
V
ISOURCE = 3.0mA
VOUT - 1.5
ISOURCE = 1µA, VCC = 0V
VOUT - 0.05
CE Propagation Delay
VCC = 5V
50
200
ns
OSCILLATOR
OSC IN Input Current
±2
µA
OSC SEL Input Pullup Current
5
µA
OSC IN Frequency Range
OSC SEL = 0V
0
250
kHz
OSC IN Frequency
with External Capacitor
OSC SEL = 0V
COSC = 47pF
4
kHz
PIN
NAME
FUNCTION
MAX690/
MAX692/
MAX694
MAX691/
MAX693/
MAX695
2
3
VCC
The +5V Input
8
1
VBATT
Backup Battery Input. Connect to Ground if a backup battery is not used.
1
2
VOUT
The higher of VCC or VBATT is internally switched to VOUT. Connect VOUT to VCC if
VOUT and VBATT are not used. Connect a 0.1µF or larger bypass capacitor to VOUT.
3
4
GND
0V Ground Reference for All Signals
7
15
RESET
RESET goes low whenever VCC falls below either the reset voltage threshold or the
VBATT input voltage. The reset threshold is typically 4.65V for the MAX690/691/694/695,
and 4.4V for the MAX692 and MAX693. RESET remains low for 50ms after VCC returns
to 5V, (except 200ms in MAX694/695). RESET also goes low for 50ms if the Watchdog
Timer is enabled but not serviced within its timeout period. The RESET pulse width can
be adjusted as shown in Table 1.
6
11
WDI
Watchdog Input (WDI). WDI is a three level input. If WDI remains either high or low for
longer than the watchdog timeout period, RESET pulses low and WDO goes low. The
Watchdog Timer is disabled when WDI is left floating or is driven to mid-supply. The
timer resets with each transition at the Watchdog Timer input.
4
9
PFI
Noninverting Input to the Power-Fail Comparator. When PFI is less than 1.3V, PFO
goes low. Connect PFI to GND or VOUT when not used. See Figure 1.
MAX690–MAX695
Microprocessor Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com