Electronic Components Datasheet Search
  English  ▼

X  

MAX694C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX694C/D
Description  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX694C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX694C/D Datasheet HTML 1Page - Maxim Integrated Products MAX694C/D Datasheet HTML 2Page - Maxim Integrated Products MAX694C/D Datasheet HTML 3Page - Maxim Integrated Products MAX694C/D Datasheet HTML 4Page - Maxim Integrated Products MAX694C/D Datasheet HTML 5Page - Maxim Integrated Products MAX694C/D Datasheet HTML 6Page - Maxim Integrated Products MAX694C/D Datasheet HTML 7Page - Maxim Integrated Products MAX694C/D Datasheet HTML 8Page - Maxim Integrated Products MAX694C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
PIN
NAME
FUNCTION
MAX690/
MAX692/
MAX694
MAX691/
MAX693/
MAX695
5
10
PFO
Output of the Power-Fail Comparator. It goes low when PFI is less than 1.3V. The
comparator is turned off and PFO goes low when VCC is below VBATT.
—
13
CE IN
CE Gating Circuit Input. Connect to GND or VOUT if not used.
—
12
CE OUT
CE OUT goes low only when CE IN is low and VCC is above the reset threshold (4.65V
for MAX691 and MAX695, 4.4V for MAX693). See Figure 6.
—
5
BATT ON
BATT ON goes high when VOUT is internally switched to the VBATT input. It goes low
when VOUT is internally switched to VCC. The output typically sinks 25mA and can
directly drive the base of an external PNP transistor to increase the output current
above the 50mA rating of VOUT.
—
6
LOW LINE
LOW LINE goes low when VCC falls below the reset threshold. It returns high as soon
as VCC rises above the reset threshold. See Figure 6, Reset Timing.
—
16
RESET
Active-High Output. It is the inverse of RESET.
—
8
OSC SEL
When OSC SEL is unconnected or driven high, the internal oscillator sets the reset time
delay and watchdog timeout period. When OSC SEL is low, the external oscillator input,
OSC IN, is enabled. OSC SEL has a 3µA internal pullup. See Table 1.
—
7
OSC IN
When OSC SEL is low, OSC IN can be driven by an external clock to adjust both the
reset delay and the watchdog timeout period. The timing can also be adjusted by
connecting and external oscillator to this pin. See Figure 8. When OSC SEL is high or
floating, OSC IN selects between fast and slow Watchdog timeout periods.
—
14
WDO
The Watchdog Output (WDO). WDO goes low if WDI remains either high or low for
longer than the watchdog timeout period. WDO is set high by the next transition at WDI.
If WDI is unconnected or at mid-supply, WDO remains high. WDO also goes high when
LOW LINE goes low.
MAX690–MAX695
Microprocessor Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 5
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com