Electronic Components Datasheet Search
  English  ▼

X  

MAX694C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX694C/D
Description  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX694C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX694C/D Datasheet HTML 5Page - Maxim Integrated Products MAX694C/D Datasheet HTML 6Page - Maxim Integrated Products MAX694C/D Datasheet HTML 7Page - Maxim Integrated Products MAX694C/D Datasheet HTML 8Page - Maxim Integrated Products MAX694C/D Datasheet HTML 9Page - Maxim Integrated Products MAX694C/D Datasheet HTML 10Page - Maxim Integrated Products MAX694C/D Datasheet HTML 11Page - Maxim Integrated Products MAX694C/D Datasheet HTML 12Page - Maxim Integrated Products MAX694C/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Reset Output
RESET is an active-low output which goes low when-
ever VCC falls below 4.5V (MAX690/MAX691/MAX694/
MAX695) or 4.25V (MAX692/MAX693). It will remain low
until VCC rises above 4.75V (MAX690/691/694/695) or 4.5V
(MAX692/MAX693) for milliseconds*. See Figures 5 and 6.
The guaranteed minimum and maximum thresholds of
MAX690/MAX691/MAX694/MAX695 are 4.5V and 4.75V,
while the guaranteed thresholds of the MAX692/MAX693
are 4.25V and 4.5V. The MAX690/MAX691/MAX694/
MAX695 is compatible with 5V supplies with a +10%, -5%
tolerance while the MAX692/MAX693 is compatible with
5V ±10% supplies. The reset threshold comparator has
approximately 50mV of hysteresis, with a nominal thresh-
old of 4.65V in the MAX690/MAX691/MAX694/MAX695,
and 4.4V in the MAX692/MAX693.
The response time of the reset voltage comparator is
about 100µs. VCC should be bypassed to ensure that
glitches do not activate the RESET output.
RESET also goes low if the watchdog timer is enabled
and WDI remains either high or low longer than the watch-
dog timeout period. RESET has an internal 3µA pullup,
and can either connect to and open collector Reset bus
or directly drive a CMOS gate without and external pullup
resistor.
CE Gating and RAM Write Protection
The MAX691/MAX693/MAX695 use two pins to control
the Chip Enable or Write inputs of CMOS RAMs. When
VCC is +5V, CE OUT is a buffered replica of CE IN, with
a 50ns propagation delay. If VCC input falls below 4.65V
(4.5V min, 4.75V max) an internal gate forces CE OUT
high, independent of CE IN. The MAX693 CE OUT goes
high whenever VCC is below 4.4V (4.25V min, 4.5V max).
The CE output of both devices is also forced high when
VCC is less than VBATT. (See Figure 5.)
CE OUT typically drives the CE, CS, or Write input of
battery backed up CMOS RAM. This ensures the integ-
rity of the data in memory by preventing write operations
when VCC is at and invalid level. Similar protection of
EEPROMs can be achieved by using the CE OUT to
drive the Store or Write inputs of an EEPROM, EAROM,
or NOVRAM.
If the 50ns typical propagation delay of CE OUT is too
long, connect CE IN to GND and use the resulting CE
OUT to control a high speed external logic gate. A second
alternative is to AND the LOW LINE output with the CE or
WR signal. An external logic gate and the RESET output
of the MAX690/MAX692/MAX694 can also be used for
CMOS RAM write protection.
*200ms for MAX694 and MAX695
Figure 4. Battery-Switchover Block Diagram
+
-
+
+
-
-
BASE DRIVE
LOW IQ MODE
SELECT
VOUT
0.1F
TO CMOS
RAM AND
REALTIME
CLOCK
VCC IN
100
mV
700
mV
3V
BATTERY
INPUT
P CHANNEL
MOSFET
BATT ON
(MAX691, MAX693, MAX695 ONLY)
INTERNAL
SHUTDOWN
SIGNAL WHEN
VBATT > VCC + 0.7V
VCC
VCC
+5V
MAX690–MAX695
Microprocessor Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com