Electronic Components Datasheet Search
  English  ▼

X  

MAX694C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX694C/D
Description  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX694C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX694C/D Datasheet HTML 1Page - Maxim Integrated Products MAX694C/D Datasheet HTML 2Page - Maxim Integrated Products MAX694C/D Datasheet HTML 3Page - Maxim Integrated Products MAX694C/D Datasheet HTML 4Page - Maxim Integrated Products MAX694C/D Datasheet HTML 5Page - Maxim Integrated Products MAX694C/D Datasheet HTML 6Page - Maxim Integrated Products MAX694C/D Datasheet HTML 7Page - Maxim Integrated Products MAX694C/D Datasheet HTML 8Page - Maxim Integrated Products MAX694C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Terminal Voltage (with respect to GND)
VCC...................................................................-0.3V to +6.0V
VBATT ...............................................................-0.3V to +6.0V
All Other Inputs (Note 1) ................... -0.3V to (VOUT + 0.5V)
Input Current
VCC...............................................................................200mA
VBATT .............................................................................50mA
GND ...............................................................................20mA
Output Current
VOUT.....................................................Short circuit protected
All Other Outputs............................................................20mA
Rate-of-Rise, VBATT, VCC..............................................100V/µs
Operating Temperature Range
C suffix................................................................0°C to +70°C
E suffix............................................................ -40°C to +85°C
M suffix ......................................................... -55°C to +125°C
Power Dissipation
8-Pin Plastic DIP
(derate 5mW/°C above +70°C) ....................................400mV
8-Pin CERDIP
(derate 8mW/°C above +85°C) ....................................500mV
16-Pin Plastic DIP
(derate 7mW/°C above +70°C) ....................................600mV
16-Pin Small Outline
(derate 7mW/°C above +70°C) ....................................600mV
16-Pin CERDIP
(derate 10mW/°C above +85°C) ..................................600mV
Storage Temperature Range............................ -65°C to +160°C
Lead Temperature (Soldering, 10s)...................................300°C
VCC = full operating range, VBATT = 2.8V, TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BATTERY BACKUP SWITCHING
Operating Voltage Range
(MAX690, MAX691, MAX694, MAX695 VCC)
4.75
5.5
V
Operating Voltage Range (MAX690, MAX691,
MAX694, MAX695 VBATT)
2.0
4.25
Operating Voltage Range
(MAX692, MAX693 VCC)
4.5
5.5
Operating Voltage Range
(MAX692, MAX693 VBATT)
2.0
4.0
VOUT Output Voltage
IOUT = 1mA
VCC -
0.3
VCC -
0.1
V
IOUT = 50mA
VCC -
0.5
VCC -
0.25
VOUT in Battery Backup Mode
IOUT = 250µA, VCC < VBATT - 0.2V
VBATT
- 0.1
VBATT
- 0.02
V
Supply Current (Excluded IOUT)
IOUT = 1mA
2
5
mA
IOUT = 50mA
3.5
10
Supply Current in Battery Backup Mode
VCC = 0V, VBATT = 2.8V
0.6
1
µA
Battery Standby Current
(+ = Discharge, - = Charge)
5.5V > VCC >
VBATT + 1V
TA = +25°C
-0.1
+0.02
µA
TA = full operating
range
-1.0
+0.02
Battery Switchover Threshold
(VCC - VBATT)
Power-up
70
mV
Power-down
50
MAX690–MAX695
Microprocessor Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com