Electronic Components Datasheet Search
  English  ▼

X  

MAX694C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX694C/D
Description  Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX694C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX694C/D Datasheet HTML 1Page - Maxim Integrated Products MAX694C/D Datasheet HTML 2Page - Maxim Integrated Products MAX694C/D Datasheet HTML 3Page - Maxim Integrated Products MAX694C/D Datasheet HTML 4Page - Maxim Integrated Products MAX694C/D Datasheet HTML 5Page - Maxim Integrated Products MAX694C/D Datasheet HTML 6Page - Maxim Integrated Products MAX694C/D Datasheet HTML 7Page - Maxim Integrated Products MAX694C/D Datasheet HTML 8Page - Maxim Integrated Products MAX694C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX690 family of supervisory circuits reduces the
complexity and number of components required for
power supply monitoring and battery control functions in
microprocessor systems. These include µP reset and
backup-battery switchover, watchdog timer, CMOS RAM
write protection, and power-failure warning. The MAX690
family significantly improves system reliability and accu-
racy compared to that obtainable with separate ICs or
discrete components.
The MAX690, MAX692, and MAX694 are supplied in
8-pin packages and provide four functions:
● A reset output during power-up, power-down, and
brownout conditions.
● Battery backup switching for CMOS RAM, CMOS
microprocessor or other low power logic.
● A Reset pulse if the optional watchdog timer has not
been toggled within a specified time.
● A 1.3V threshold detector for power fail warning, low
battery detection, or to monitor a power supply other
than +5V.
The MAX691, MAX693, and MAX695 are supplied in 16-pin
packages and perform all MAX690, MAX692, MAX694
functions, plus:
● Write protection of CMOS RAM or EEPROM.
● Adjustable reset and watchdog timeout periods.
● Separate outputs for indicating a watchdog timeout,
backup-battery switchover, and low VCC.
Benefits and Features
● Supervisory Function Integration Saves Board Space
while Fully Protecting Microprocessor-Based Systems
• Precision Voltage Monitor
- 4.65V (MAX690, MAX691, MAX694, MAX695)
- 4.40V (MAX692, MAX693)
• Power OK/Reset Time Delay
- 50ms, 200ms, or Adjustable
• Watchdog Timer
- 100ms, 1.6s, or Adjustable
• Battery Backup Power Switching
• Voltage Monitor for Power Fail or Low Battery
Warning
• Minimum External Component Count
● Low Power Consumption in Battery Backup Mode
Extends Battery Life
• 1µA Standby Current
● Onboard Gating of Chip Enable Signals Protects
Against Erroneous Data Written to RAM During Low
VCC Events
Applications
● Computers
● Controllers
● Intelligent Instruments
● Automotive Systems
● Critical µP Power Monitoring
Ordering information appears at end of data sheet.
19-0218; Rev 5; 4/15
MAX690
MAX692
MAX694
8
1
7
2
6
3
5
VBATT
RESET
WDI
PFO
4
VOUT
TOP VIEW
VCC
GND
PFI
MAX691
MAX693
MAX695
16
1
15
2
14
3
13
RESET
RESET
WDO
CE IN
4
VBATT
VOUT
VCC
GND
12
5
11
6
10
CE OUT
WDI
PFO
7
BATT ON
LOW LINE
OSC IN
9
8
PFI
OSC SEL
MAX690
VCC
VBATT
PFI
VOUT
+5V
PFO
WDI
GND
MAX690 TYPICAL APPLICATION
RESET
POWER TO
CMOS RAM
µP
POWER
µP
SYSTEM
µP NMI
I/O
LINE
µP RESET
MAX690–MAX695
Microprocessor Supervisory Circuits
Pin Configurations
Typical Operating Circuit


Similar Part No. - MAX694C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX694C/D MAXIM-MAX694C/D Datasheet
626Kb / 16P
Microprocessor Supervisory Circuits
Rev 2; 4/95
More results

Similar Description - MAX694C/D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
Microprocessor Supervisory Circuits
REV.0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
Microprocessor Supervisory Circuits
REV.0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
Microprocessor Supervisory Circuits
REV.0
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM691AARN-REEL7 AD-ADM691AARN-REEL7 Datasheet
344Kb / 12P
Microprocessor Supervisory Circuits
REV. 0
ADM695ANZ AD-ADM695ANZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM691ARZ AD-ADM691ARZ Datasheet
291Kb / 16P
Microprocessor Supervisory Circuits
REV. A
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
Microprocessor Supervisory Circuits
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com