Electronic Components Datasheet Search
  English  ▼

X  

ADE7978 Datasheet(PDF) 37 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 33Page - Analog Devices ADE7978_V01 Datasheet HTML 34Page - Analog Devices ADE7978_V01 Datasheet HTML 35Page - Analog Devices ADE7978_V01 Datasheet HTML 36Page - Analog Devices ADE7978_V01 Datasheet HTML 37Page - Analog Devices ADE7978_V01 Datasheet HTML 38Page - Analog Devices ADE7978_V01 Datasheet HTML 39Page - Analog Devices ADE7978_V01 Datasheet HTML 40Page - Analog Devices ADE7978_V01 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 37 of 125
CURRENT CHANNEL ADC
In this data sheet, the measurements obtained on the current
channel of the ADE7933/ADE7932 and ADE7923 devices that
monitor Phase A, Phase B, and Phase C are called IA, IB, and IC,
respectively (see Figure 109). The measurement obtained on the
current channel of the ADE7923 device that monitors the
neutral current is called IN (see Figure 110).
Figure 50 shows the signal processing path for Input IA in the
current channel (the path is the same for IB and IC). The ADC
outputs are signed twos complement 24-bit data-words and are
available at a rate 8000 samples per second (8 kSPS).
With the specified full-scale analog input signal of ±31.25 mV, the
ADC produces its maximum output code value. Figure 50 shows
a full-scale voltage signal applied to the differential inputs (IP and
IM). The ADC output swings from −5,320,000 to +5,320,000.
Note that these are nominal values, and every ADE7978/
ADE7933/ADE7932/ADE7923 chipset varies around these
values.
Input IN corresponds to the neutral current of a 3-phase system.
If the neutral line is not monitored, connect the DATA_N pin
of the ADE7978 to VDD. The datapath of the neutral current is
similar to the path of the phase currents, as shown in Figure 51.
AIGAIN[23:0]
HPFEN BIT
CONFIG[4]
HPF
+31.25mV
ANALOG INPUT RANGE
0V
–31.25mV
0x512D40 =
+5,320,000
CURRENT CHANNEL DATA RANGE
ADC OUTPUT RANGE
0V
0xFFAED2C0 =
–5,320,000
0x512D40 =
+5,320,000
CURRENT CHANNEL DATA RANGE
AFTER HPF
0V
0xFFAED2C0 =
–5,320,000
TOTAL/FUNDAMENTAL
ACTIVE AND REACTIVE
POWER CALCULATION
CURRENT PEAK,
OVERCURRENT DETECTION
FUNDAMENTAL CURRENT
RMS (AFIRMS) CALCULATION
CURRENT RMS (AIRMS)
CALCULATIONS
IAWV WAVEFORM
SAMPLE REGISTER
ZX DETECTION
LPF1
REFERENCE
PHASE A
ADE7933
Σ-Δ
MODULATOR
IP
VIN
VIN
IM
DIGITAL
LPF
ATEMP[23:0]
ATEMP0[23:0]
TEMPCO[23:0]
1
ADE7978
0x512D40 =
+5,320,000
ZX SIGNAL DATA RANGE
0V
0xFFAED2C0 =
–5,320,000
Figure 50. Phase A Current Channel Signal Path
NIGAIN[23:0]
HPFEN BIT
CONFIG[4]
HPF
CURRENT RMS (NIRMS)
CALCULATION
INWV WAVEFORM
SAMPLE REGISTER
REFERENCE
NEUTRAL LINE
ADE7923
Σ-Δ
MODULATOR
IP
VIN
IM
DIGITAL
LPF
NTEMP[23:0]
NTEMP0[23:0]
TEMPCO[23:0]
1
ADE7978
Figure 51. Neutral Current Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com