Electronic Components Datasheet Search
  English  ▼

X  

ADE7978 Datasheet(PDF) 41 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 37Page - Analog Devices ADE7978_V01 Datasheet HTML 38Page - Analog Devices ADE7978_V01 Datasheet HTML 39Page - Analog Devices ADE7978_V01 Datasheet HTML 40Page - Analog Devices ADE7978_V01 Datasheet HTML 41Page - Analog Devices ADE7978_V01 Datasheet HTML 42Page - Analog Devices ADE7978_V01 Datasheet HTML 43Page - Analog Devices ADE7978_V01 Datasheet HTML 44Page - Analog Devices ADE7978_V01 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 41 of 125
Second Voltage Channel and Temperature Measurement
Figure 56 shows the ADC and signal processing chain for the
VA2 input in the voltage channel (ADE7933 and ADE7923).
The VB2, VC2, and VN2 channels have similar processing
chains. The V2P input pin of the ADE7933 and ADE7923 is
multiplexed with a temperature sensor. On the ADE7932, the
Vx2 channel is not available, and the V2P pin must be
connected to the VM pin. On the ADE7933, if no voltage is
monitored at the V2P pin, connect the V2P pin to the VM pin.
On the ADE7933 and ADE7923, the selection of the second
voltage channel or the temperature sensor is based on the state
of the V2/TEMP pin. Connect the V2/TEMP pin of the ADE7933/
ADE7932 and ADE7923 to the appropriate pin of the ADE7978
(see Figure 1 and Table 17).
Table 17. Connecting the ADE7933/ADE7932 and ADE7923
V2/TEMP Pin to the ADE7978
ADE7933/ADE7932
and ADE7923
MonitorsThis Phase
V2/TEMP Pin of the ADE7933/ADE7932
and ADE7923 Connected to This Pin on
the ADE7978
Phase A
VT_A
Phase B
VT_B
Phase C
VT_C
Phase N
VT_N
Although the Vx2 channel is not available on the ADE7932,
the V2/TEMP pin must still be connected to the corresponding
VT_A, VT_B, VT_C, or VT_N pin of the ADE7978.
The V2/TEMP pin is also used during the reset procedure
of the ADE7933/ADE7932 and ADE7923 (see the Hardware
Reset section).
On the ADE7978, the selection of the second voltage channel
or the temperature sensor is based on Bits[3:0] (VN2_EN,
VC2_EN, VB2_EN, and VA2_EN) in the CONFIG3 register
(Address 0xE708). When these bits are set to 1 (the default value),
the VT_A, VT_B, VT_C, and VT_N pins are set high, and VA2,
VB2, VC2, and VN2 are measured. When the bits are cleared to
0, the VT_A, VT_B, VT_C, and VT_N pins are set low, and the
temperature sensors of each ADE7933/ADE7932 and ADE7923
are measured. This is true even on the ADE7932 where the
temperature sensor is always measured.
+0.5V
ANALOG INPUT RANGE
0V
–0.5V
0x512D40 =
+5,320,000
VOLTAGE CHANNEL DATA RANGE
WHEN V2P IS SELECTED
ADC OUTPUT RANGE
0V
0xFFAED2C0 =
–5,320,000
AV2GAIN[23:0]
HPFEN BIT
CONFIG[4]
HPF
VOLTAGE RMS (AV2RMS)
CALCULATION
VA2WV WAVEFORM
SAMPLE REGISTER
REFERENCE
PHASE A
ADE7933
Σ-Δ
MODULATOR
V2P
VIN
VM
DIGITAL
LPF
BIT 0 (VA2_EN) IN
CONFIG3 REGISTER
SET TO 1
ADE7978
TEMPERATURE
SENSOR
VT_A
VIN
Figure 56. Phase A V2P Channel Datapath (ADE7933 and ADE7923)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com