Electronic Components Datasheet Search
  English  ▼

X  

ADE7978 Datasheet(PDF) 9 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 5Page - Analog Devices ADE7978_V01 Datasheet HTML 6Page - Analog Devices ADE7978_V01 Datasheet HTML 7Page - Analog Devices ADE7978_V01 Datasheet HTML 8Page - Analog Devices ADE7978_V01 Datasheet HTML 9Page - Analog Devices ADE7978_V01 Datasheet HTML 10Page - Analog Devices ADE7978_V01 Datasheet HTML 11Page - Analog Devices ADE7978_V01 Datasheet HTML 12Page - Analog Devices ADE7978_V01 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 9 of 125
Parameter1, 2
Min
Typ
Max
Unit
Test Conditions/Comments
Voltage Channels
SNR
75
dB
SINAD Ratio
74
dB
THD
−81
dB
SFDR
81
dBFS
Bandwidth (−3 dB)
3.3
kHz
TIME INTERVAL BETWEEN PHASE SIGNALS
Measurement Error
0.3
Degrees
Line frequency = 45 Hz to 65 Hz, HPF on
CF1, CF2, CF3 PULSE OUTPUTS
Maximum Output Frequency
68.8
kHz
WTHR = VARTHR = VATHR = 3, CFxDEN = 1,
full scale current and voltage, PF = 1, one
phase only
Duty Cycle
50
%
CF1, CF2, or CF3 frequency > 6.25 Hz,
CFxDEN is even and > 1
(1 + 1/CFxDEN) × 50
%
CF1, CF2, or CF3 frequency > 6.25 Hz,
CFxDEN is odd and > 1
Active Low Pulse Width
80
ms
CF1, CF2, or CF3 frequency < 6.25 Hz
CF Jitter
0.04
%
CF1, CF2, or CF3 frequency = 1 Hz, nominal
phase currents larger than 10% of full scale
1 See the Typical Performance Characteristics section.
2 See the Terminology section for definitions of the parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com