Electronic Components Datasheet Search
  English  ▼

X  

ADE7978 Datasheet(PDF) 45 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 41Page - Analog Devices ADE7978_V01 Datasheet HTML 42Page - Analog Devices ADE7978_V01 Datasheet HTML 43Page - Analog Devices ADE7978_V01 Datasheet HTML 44Page - Analog Devices ADE7978_V01 Datasheet HTML 45Page - Analog Devices ADE7978_V01 Datasheet HTML 46Page - Analog Devices ADE7978_V01 Datasheet HTML 47Page - Analog Devices ADE7978_V01 Datasheet HTML 48Page - Analog Devices ADE7978_V01 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 45 of 125
PHASE COMPENSATION
Typically, phase compensation is not needed in the ADE7978/
ADE7933/ADE7932 and ADE7923 chipset. As described in the
Current Channel ADC section and the Voltage Channel ADC
section, the same datapath is used for the phase current and
phase voltages; therefore, no phase error exists between the
phase current and voltage signals introduced by the ADE7978.
In addition, shunts are used with the ADE7933/ADE7932 and
ADE7923 devices to sense the phase currents, eliminating the
need for phase compensation.
The ADE7978 provides a means of digitally calibrating eventual
phase mismatch errors. The ADE7978 allows a small time delay
or time advance to be introduced into the signal processing chain
to compensate for the small phase errors.
The 10-bit phase calibration registers (APHCAL, BPHCAL, and
CPHCAL) can vary the time advance in the voltage channel signal
path from −374.0 µs to +374.0 µs. Negative values written to the
xPHCAL registers represent a time advance, whereas positive
values represent a time delay. One LSB is equivalent to 0.976 µs of
time delay or time advance (assuming a clock rate of 1.024 MHz).
With a line frequency of 60 Hz, this calibration gives a phase reso-
lution of 0.0211° (360° × 60 Hz/1.024 MHz) at the fundamental
and corresponds to a total correction range of −8.079° to +8.079°
at 60 Hz. With a line frequency of 50 Hz, the correction range
is −6.732° to +6.732°, and the resolution is 0.0176° (360° ×
50 Hz/1.024 MHz).
Given a phase error of x degrees, measured using the phase
voltage as the reference, the corresponding LSBs are computed
by dividing x by the phase resolution (0.0211°/LSB for 60 Hz
and 0.0176°/LSB for 50 Hz). Only results from −383 to +383 are
allowed; values outside this range are not allowed.
If the current leads the voltage, the result is negative, and the
absolute value is written to the xPHCAL registers. If the current
lags the voltage, the result is positive and 512 is added to the
result before it is written to the xPHCAL registers.
APHCAL, BPHCAL, or CHPCAL =
(13)
>
+
0
,
512
0
,
x
Resolution
Phase
x
x
Resolution
Phase
x
Figure 60 illustrates the use of phase compensation to remove an
x = −1° phase lead in IA of the current channel from the external
current transducer (equivalent of 55.5 µs for 50 Hz systems). To
cancel the lead (1°) in the current channel of Phase A, a phase
lead must be introduced into the corresponding voltage channel.
Using Equation 13, APHCAL is 57 LSBs, rounded up from 56.8.
The phase lead is achieved by introducing a time delay of 55.73 µs
into the Phase A current.
The serial ports of the ADE7978 work with 32-, 16-, or 8-bit
words, whereas the DSP works with 28-bit words. As shown
in Figure 59, the 10-bit APHCAL, BPHCAL, and CPHCAL
registers are accessed as 16-bit registers with the six MSBs
padded with 0s.
0000 00
15
10 9
0
xPHCAL
Figure 59. 10-Bit xPHCAL Register Transmitted as a 16-Bit Word
PHASE COMPENSATION
ACHIEVED DELAYING
IA BY 56µs
50Hz
VA
IA
VA
IA
Σ-Δ
MODULATOR
IP
IM
IA
Σ-Δ
MODULATOR
V1P
VM
VA
PHASE A
ADE7933
ADE7978
PHASE
CALIBRATION
APHCAL = 57
Figure 60. Phase Calibration Process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com