Electronic Components Datasheet Search
  English  ▼

X  

ADE7978 Datasheet(PDF) 18 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 14Page - Analog Devices ADE7978_V01 Datasheet HTML 15Page - Analog Devices ADE7978_V01 Datasheet HTML 16Page - Analog Devices ADE7978_V01 Datasheet HTML 17Page - Analog Devices ADE7978_V01 Datasheet HTML 18Page - Analog Devices ADE7978_V01 Datasheet HTML 19Page - Analog Devices ADE7978_V01 Datasheet HTML 20Page - Analog Devices ADE7978_V01 Datasheet HTML 21Page - Analog Devices ADE7978_V01 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 18 of 125
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
For specified performance
VDD Pin
2.97
3.63
V
Minimum = 3.3 V − 10%, maximum = 3.3 V
+ 10%
I
DD
5.1
6.2
mA
2
mA
Bit 6 (CLKOUT_DIS) and Bit 7 (ADE7933_
SWRST) in the CONFIG3 register set to 1
1 See the Terminology section for definitions of the parameters.
2 XTAL1/XTAL2 total capacitances refer to the net capacitances on each pin. Each capacitance is the sum of the parasitic capacitance at the pin and the capacitance of
the ceramic capacitor connected between the pin and GND. See the ADE7978, ADE7933/ADE7932, and ADE7923 Clocks section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com