Electronic Components Datasheet Search
  English  ▼

X  

ADE7978 Datasheet(PDF) 23 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 19Page - Analog Devices ADE7978_V01 Datasheet HTML 20Page - Analog Devices ADE7978_V01 Datasheet HTML 21Page - Analog Devices ADE7978_V01 Datasheet HTML 22Page - Analog Devices ADE7978_V01 Datasheet HTML 23Page - Analog Devices ADE7978_V01 Datasheet HTML 24Page - Analog Devices ADE7978_V01 Datasheet HTML 25Page - Analog Devices ADE7978_V01 Datasheet HTML 26Page - Analog Devices ADE7978_V01 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 23 of 125
Pin No.
Mnemonic
Description
17
V2/TEMP
This input pin selects the signal that is converted at the second voltage channel of the ADE7933. (In the
ADE7932, the temperature sensor is always converted by the second voltage channel.) When this pin is high,
the voltage input V2P is sensed; when this pin is low, the temperature sensor is measured. The V2/TEMP pin is
also used during the ADE7933/ADE7932 reset procedure. For both the ADE7933 and ADE7932, the V2/TEMP
pin must always be connected to one of the following pins on the ADE7978: VT_A, VT_B, VT_C, or VT_N.
Connect the V2/TEMP pin of the Phase A ADE7933/ADE7932 to the VT_A pin of the ADE7978, and so on. For
more information, see the Second Voltage Channel and Temperature Measurement section.
18
EMI_CTRL
Emissions Control Pin. This pin manages the emissions of the ADE7933/ADE7932. When the pin is connected to
GND, the PWM control block of the dc-to-dc converter generates pulses during Slot 0, Slot 2, Slot 4, and Slot 6.
When the pin is connected to VDD, the PWM control block of the dc-to-dc converter generates pulses during
Slot 1, Slot 3, Slot 5, and Slot 7. (For more information, see the DC-to-DC Converter section.) Do not leave this
pin floating.
19
VDD
Primary Supply Voltage. This pin provides the supply voltage for the ADE7933/ADE7932. For specified operation,
maintain the supply voltage at 3.3 V ± 10%. Decouple this pin to GND with a 10 µF capacitor in parallel with a
ceramic 100 nF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com