Electronic Components Datasheet Search
  English  ▼

X  

ADE7978 Datasheet(PDF) 24 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 20Page - Analog Devices ADE7978_V01 Datasheet HTML 21Page - Analog Devices ADE7978_V01 Datasheet HTML 22Page - Analog Devices ADE7978_V01 Datasheet HTML 23Page - Analog Devices ADE7978_V01 Datasheet HTML 24Page - Analog Devices ADE7978_V01 Datasheet HTML 25Page - Analog Devices ADE7978_V01 Datasheet HTML 26Page - Analog Devices ADE7978_V01 Datasheet HTML 27Page - Analog Devices ADE7978_V01 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 24 of 125
ADE7923
TOP VIEW
(Not to Scale)
VDD
1
GND
2
V2P
3
V1P
4
GND
20
VDD
19
PULL_LOW
18
V2/TEMP
17
VM
5
RESET_EN
16
IM
6
DATA
15
IP
7
XTAL2
14
LDO
8
XTAL1
13
REF
9
SYNC
12
GND 10
GND
11
Figure 13. Pin Configuration, ADE7923
Table 16. Pin Function Descriptions, ADE7923
Pin No.
Mnemonic
Description
1, 19
VDD
Supply Voltage. These pins provide the supply voltage for the ADE7923. Maintain the supply voltage at 3.3 V ±
10% for specified operation. Decouple each VDD pin to GND with a ceramic 100 nF capacitor in parallel with a
single 10 µF capacitor. The VDD pins must be connected externally.
2, 10,
11, 20
GND
Ground Reference. These ground pins must be connected externally.
3, 4, 5
V2P, V1P, VM
Analog Inputs for the Voltage Channels. These channels are used with voltage transducers and are referred to in
this data sheet as the voltage channels. These inputs are pseudo differential voltage inputs with a maximum signal
level of ±0.5 V with respect to VM for specified operation. Use these pins with the related input circuitry, as shown
in Figure 42. If the V1P or V2P pin is not used on the ADE7923, connect the unused pin to the VM pin.
6, 7
IM, IP
Analog Inputs for the Current Channel. This channel is used with shunts and is referred to in this data sheet as the
current channel. These inputs are pseudo differential voltage inputs with a maximum differential level of
±31.25 mV. Use these pins with the related input circuitry, as shown in Figure 42.
8
LDO
2.5 V Output of the Analog Low Dropout (LDO) Regulator. Decouple this pin with a 4.7 µF capacitor in parallel with
a ceramic 100 nF capacitor using GND. Do not connect active external circuitry to this pin.
9
REF
Voltage Reference. This pin provides access to the on-chip voltage reference. The on-chip reference has a nominal
value of 1.2 V. Decouple this pin to GND with a 4.7 µF capacitor in parallel with a ceramic 100 nF capacitor.
12
SYNC
Synchronization Pin. The 1.024 MHz clock signal generated by the ADE7978 SYNC pin is used for serial
communication between the ADE7933/ADE7932/ADE7923 and the ADE7978. Connect the ADE7923 SYNC pin to
the SYNC pin of the ADE7978.
13
XTAL1
Master Clock. Connect this pin to the ADE7978 CLKOUT pin. The clock frequency for specified operation is
4.096 MHz. When the ADE7933/ADE7932/ADE7923 and the ADE7978 are used as a chipset, the ADE7933/
ADE7932/ADE7923 must function synchronously with the ADE7978; therefore, the XTAL1 pin of the ADE7933/
ADE7932/ADE7923 must be connected to the CLKOUT pin of the ADE7978. If the ADE7933/ADE7932/ADE7923 are
used as standalone chips, a crystal with a maximum drive level of 0.5 mW and an ESR of 20 Ω can be connected across
XTAL1 and XTAL2 to provide a clock source for the ADE7933/ADE7932/ADE7923. The clock frequency for specified
operation is 4.096 MHz, but lower frequencies down to 3.6 MHz can be used. For more information, see the
ADE7978, ADE7933/ADE7932, and ADE7923 Clocks section.
14
XTAL2
Leave this pin open when the ADE7933/ADE7932/ADE7923 are used with the ADE7978. If the ADE7933/ADE7932/
ADE7923 are used as standalone chips, a crystal with a maximum drive level of 0.5 mW and an ESR of 20 Ω can be
connected across XTAL1 and XTAL2 to provide a clock source for the ADE7933/ADE7932/ADE7923.
15
DATA
Data Output for Communication with the ADE7978. Connect the DATA pin of the ADE7923 to the DATA_N pin on
the ADE7978.
16
RESET_EN
Reset Input Enable, Active Low. The ADE7923 is reset by setting the RESET_EN pin low and toggling the V2/TEMP
pin four times with a frequency of 4.096 MHz. The reset ends when this pin and the V2/TEMP pin are set high (see
the Hardware Reset section).
17
V2/TEMP
This input pin selects the signal that is converted at the second voltage channel of the ADE7923. When this pin is
high, the voltage input V2P is sensed; when this pin is low, the temperature sensor is measured. The V2/TEMP pin
is also used during the ADE7933/ADE7932/ADE7923 reset procedure. For the ADE7923, the V2/TEMP pin must
always be connected to the VT_N pin on the ADE7978. For more information, see the Second Voltage Channel and
Temperature Measurement section.
18
PULL_LOW
Connect this pin to GND for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com