Electronic Components Datasheet Search
  English  ▼

X  

ADE7978 Datasheet(PDF) 19 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 15Page - Analog Devices ADE7978_V01 Datasheet HTML 16Page - Analog Devices ADE7978_V01 Datasheet HTML 17Page - Analog Devices ADE7978_V01 Datasheet HTML 18Page - Analog Devices ADE7978_V01 Datasheet HTML 19Page - Analog Devices ADE7978_V01 Datasheet HTML 20Page - Analog Devices ADE7978_V01 Datasheet HTML 21Page - Analog Devices ADE7978_V01 Datasheet HTML 22Page - Analog Devices ADE7978_V01 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 19 of 125
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 11.
Parameter
Rating
ADE7978
VDD to GND
−0.3 V to +3.7 V
Digital Input Voltage to DGND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to DGND
−0.3 V to VDD + 0.3 V
ADE7933/ADE7932 and ADE7923
VDD to GND
−0.3 V to +3.7 V
Analog Input Voltage to GND
ISO,
IP, IM, V1P, V2P, VM
−2 V to +2 V
Reference Input Voltage to GND
ISO
−0.3 V to VDD + 0.3 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to GND
−0.3 V to VDD + 0.3 V
Common-Mode Transients1
−100 kV/µs to +100 kV/µs
Operating Temperature
Industrial Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)2
ADE7978
300°C
ADE7933/ADE7932 and ADE7923
260°C
1 Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause latch-up
or permanent damage.
2 Analog Devices recommends that reflow profiles used in soldering RoHS
compliant parts conform to JEDEC J-STD 20. For the latest revision of this
standard, refer to JEDEC.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA and θJC are specified for the worst-case conditions, that is, a
device soldered in a circuit board for surface-mount packages.
Table 12. Thermal Resistance
Package Type
θ
JA
θ
JC
Unit
28-Lead LFCSP (ADE7978)
29.3
1.8
°C/W
20-Lead SOIC (ADE7933/ADE7932)
48.0
6.2
°C/W
20-Lead SOIC (ADE7923)
79.0
24.7
°C/W
ESD CAUTION
Table 13. ADE7933/ADE7932 Maximum Continuous Working Voltage Supporting a 50-Year Minimum Lifetime1
Parameter
Max
Unit
AC Voltage, Bipolar Waveform
400
V rms
DC Voltage
Basic Insulation
1173
V peak
1 Refers to the continuous voltage magnitude imposed across the isolation barrier. For more information, see the Insulation Lifetime section.
Note that greater working voltages than the values presented in Table 13 shorten the lifetime of the product (see Insulation Lifetime
section). Therefore, although some certifications in Table 7 state bigger maximum working voltages, use the ADE7933/ADE7932 only for
working voltages lower than the values presented in this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com