Electronic Components Datasheet Search
  English  ▼

X  

ADE7978 Datasheet(PDF) 80 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 76Page - Analog Devices ADE7978_V01 Datasheet HTML 77Page - Analog Devices ADE7978_V01 Datasheet HTML 78Page - Analog Devices ADE7978_V01 Datasheet HTML 79Page - Analog Devices ADE7978_V01 Datasheet HTML 80Page - Analog Devices ADE7978_V01 Datasheet HTML 81Page - Analog Devices ADE7978_V01 Datasheet HTML 82Page - Analog Devices ADE7978_V01 Datasheet HTML 83Page - Analog Devices ADE7978_V01 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 80 of 125
INTERRUPTS
The ADE7978 has two interrupt pins, IRQ0 and IRQ1. Each
pin is managed by a 32-bit interrupt mask register, MASK0
(Address 0xE50A) and MASK1 (Address 0xE50B), respectively.
To enable an interrupt, the appropriate bit in the MASKx register
must be set to 1. To disable an interrupt, the bit must be cleared
to 0. Two 32-bit status registers, STATUS0 (Address 0xE502) and
STATUS1 (Address 0xE503), are associated with the interrupts.
When an interrupt event occurs in the ADE7978, the correspond-
ing flag in the status register is set to Logic 1 (see Table 45 and
Table 46). If the mask bit for the interrupt in the interrupt mask
register is Logic 1, the IRQx output goes active low. The flag bits in
the status registers are set regardless of the state of the mask bits.
To determine the source of the interrupt, the microcontroller
(MCU) reads the corresponding STATUSx register to identify
which bit is set to 1. To clear the flag in the status register, the
MCU writes back to the STATUSx register with the flag set to 1.
After an interrupt pin goes low, the status register is read and
the source of the interrupt is identified. A 1 is written back to
the status register to clear the status flag to 0. The IRQx pin
remains low until the status flag is cleared.
By default, all interrupts are disabled with the exception of the
RSTDONE interrupt. This interrupt cannot be disabled (masked)
and, therefore, Bit 15 (RSTDONE) in the MASK1 register has no
function. The IRQ1 pin always goes low and Bit 15 (RSTDONE)
in the STATUS1 register is always set to 1 when a power-up
or a hardware/software reset ends. To cancel the status flag, the
STATUS1 register must be written with Bit 15 (RSTDONE)
set to 1.
Certain interrupts are used in conjunction with other status
registers. When the STATUSx register is read and one of the bits
listed in Table 31 to Table 35 is set to 1, the status register asso-
ciated with the bit is immediately read to identify the phase that
triggered the interrupt. Only after reading the associated status
register can the STATUSx register be written back with the bit
set to 1.
Table 31 lists the bits in the MASK0 register that work with bits
in the PHSIGN register (Address 0xE617).
Table 31. MASK0 Register Bits and PHSIGN Register Bits
MASK0 Register
(Address 0xE50A)
PHSIGN Register
(Address 0xE617)
Bits
Bit Name
Bits
Bit Name
[8:6]
REVAPx
[2:0]
xWSIGN[2:0]
[12:10]
REVRPx
[6:4]
xVARSIGN[2:0]
9
REVPSUM1
3
SUM1SIGN
13
REVPSUM2
7
SUM2SIGN
18
REVPSUM3
8
SUM3SIGN
Table 32 lists the bits in the MASK1 register that work with bits
in the PHNOLOAD register (Address 0xE608).
Table 32. MASK1 Register Bits and PHNOLOAD Register Bits
MASK1 Register
(Address 0xE50B)
PHNOLOAD Register
(Address 0xE608)
Bits
Bit Name
Bits
Bit Name
0
NLOAD
[2:0]
NLPHASE[2:0]
1
FNLOAD
[5:3]
FNLPHASE[2:0]
2
VANLOAD
[8:6]
VANLPHASE[2:0]
Table 33 lists the bits in the MASK1 register that work with bits
in the PHSTATUS register (Address 0xE600).
Table 33. MASK1 Register Bits and PHSTATUS Register Bits
MASK1 Register
(Address 0xE50B)
PHSTATUS Register
(Address 0xE600)
Bits
Bit Name
Bits
Bit Name
16
Sag
[14:12]
VSPHASE[2:0]
17
OI
[5:3]
OIPHASE[2:0]
18
OV
[11:9]
OVPHASE[2:0]
Table 34 and Table 35 list the bits in the MASK1 register that
work with bits in the IPEAK register (Address 0xE500) and the
VPEAK register (Address 0xE501).
Table 34. MASK1 Register Bits and IPEAK Register Bits
MASK1 Register
(Address 0xE50B)
IPEAK Register
(Address 0xE500)
Bits
Bit Name
Bits
Bit Name
23
PKI
[26:24]
IPPHASE[2:0]
Table 35. MASK1 Register Bits and VPEAK Register Bits
MASK1 Register
(Address 0xE50B)
VPEAK Register
(Address 0xE501)
Bits
Bit Name
Bits
Bit Name
24
PKV
[26:24]
VPPHASE[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com