Electronic Components Datasheet Search
  English  ▼

X  

ADE7978 Datasheet(PDF) 71 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 67Page - Analog Devices ADE7978_V01 Datasheet HTML 68Page - Analog Devices ADE7978_V01 Datasheet HTML 69Page - Analog Devices ADE7978_V01 Datasheet HTML 70Page - Analog Devices ADE7978_V01 Datasheet HTML 71Page - Analog Devices ADE7978_V01 Datasheet HTML 72Page - Analog Devices ADE7978_V01 Datasheet HTML 73Page - Analog Devices ADE7978_V01 Datasheet HTML 74Page - Analog Devices ADE7978_V01 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 71 of 125
TOTAL HARMONIC DISTORTION CALCULATION
The ADE7978 computes the total harmonic distortion (THD)
on all phase currents and voltages. The THD expressions are
shown in the following equations:
1
1
I
I
I
I
THD
2
2
=
(49)
1
1
V
V
V
V
THD
2
2
=
where:
I and V are the rms values of the phase currents and voltages
stored in the AIRMS, AVRMS, BIRMS, BVRMS, CIRMS, and
CVRMS registers.
I1 and V1 are the fundamental rms values stored in the AFIRMS,
AFVRMS, BFIRMS, BFVRMS, CFIRMS, and CFVRMS
registers.
The THD calculations are stored in the AVTHD, AITHD,
BVTHD, BITHD, CVTHD, and CITHD registers (Address 0xE521
to Address 0xE526). These registers are 24-bit registers in 3.21
signed format. This means the ratios are limited to +3.9999 and
all greater results are clamped to it.
Like the xIRMS and xFIRMS registers, the 24-bit signed xITHD
and xVTHD registers are transmitted as 32-bit registers with
the eight MSBs padded with 0s (see Figure 75).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com