Electronic Components Datasheet Search
  English  ▼

X  

ADE7978 Datasheet(PDF) 50 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 46Page - Analog Devices ADE7978_V01 Datasheet HTML 47Page - Analog Devices ADE7978_V01 Datasheet HTML 48Page - Analog Devices ADE7978_V01 Datasheet HTML 49Page - Analog Devices ADE7978_V01 Datasheet HTML 50Page - Analog Devices ADE7978_V01 Datasheet HTML 51Page - Analog Devices ADE7978_V01 Datasheet HTML 52Page - Analog Devices ADE7978_V01 Datasheet HTML 53Page - Analog Devices ADE7978_V01 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 50 of 125
PHASE VOLTAGE SAG DETECTION
The ADE7978 can be programmed to detect when the absolute
value of any phase voltage falls below or rises above a specified
peak value for a number of half line cycles. The phase in which
this event takes place and the state of the phase voltage relative
to the threshold is identified in Bits[14:12] (VSPHASE[x]) of the
PHSTATUS register (Address 0xE600). An associated interrupt is
triggered when any phase falls below or rises above a threshold.
Bit 6 (SAGCFG) in the ACCMODE register (Address 0xE701)
selects the way that Bit 16 (sag) in the STATUS1 register is
generated. If the SAGCFG bit is cleared to 0 (the default value),
the sag status bit is set to 1 when any phase voltage is below the
SAGLVL threshold. If the SAGCFG bit is set to 1, the sag status
bit is set to 1 only when a phase voltage goes below and then
above the SAGLVL threshold.
Figure 67 shows the behavior of the ADE7978 when the
SAGCFG bit is cleared to 0.
1. The Phase A voltage falls below the threshold set in
the sag level register (SAGLVL) for four half line cycles
(SAGCYC = 4).
2. When Bit 16 (sag) in the STATUS1 register is set to 1 to
indicate the condition, the VSPHASE[0] bit in the PHSTATUS
register is also set to 1 because the Phase A voltage is below
SAGLVL. The IRQ1 interrupt pin goes low.
3. The microcontroller writes a 1 to Bit 16 (sag) in the STATUS1
register to clear the bit and bring the IRQ1 interrupt pin
back high. The VSPHASE[0] bit in the PHSTATUS register
remains set.
4. The Phase A voltage continues to stay below the SAGLVL
threshold for four more half line cycles (SAGCYC = 4).
5. Bit 16 (sag) in the STATUS1 register is again set to 1. The
IRQ1 interrupt pin is again set low. The VSPHASE[0] bit
in the PHSTATUS register remains set.
6. During the next four half line cycles (SAGCYC = 4), the
Phase A voltage is above the SAGLVL threshold. The
VSPHASE[0] bit in the PHSTATUS register is cleared to 0
at the end of the SAGCYC period.
PHASE A VOLTAGE
FULL SCALE
SAGLVL[23:0]
SAGCYC[7:0] = 0x4
BIT 16 (SAG) IN
STATUS1[31:0]
VSPHASE[0] =
PHSTATUS[12]
IRQ1 PIN
STATUS1[16]
CANCELLED
BY A WRITE TO
STATUS1[31:0]
WITH SAG BIT SET
PHSTATUS[12]
REMAINS HIGH UNTIL
PHASE A VOLTAGE
GOES ABOVE SAGLVL
DURING ONE SAGCYC
IRQ1 PIN LOW
EVERY TIME
PHASE A VOLTAGE
STAYS BELOW
SAGLVL FOR
SAGCYC PERIOD
Figure 67. Sag Detection: SAGCFG Bit in ACCMODE Register Cleared to 0
Figure 68 shows the behavior of the ADE7978 when the
SAGCFG bit is set to 1.
7. The Phase A voltage falls below the threshold set in
the sag level register (SAGLVL) for four half line cycles
(SAGCYC = 4).
8. When Bit 16 (sag) in the STATUS1 register is set to 1 to
indicate the condition, the VSPHASE[0] bit in the PHSTATUS
register is also set to 1 because the Phase A voltage is below
SAGLVL. The IRQ1 interrupt pin goes low.
9. The microcontroller writes a 1 to Bit 16 (sag) in the
STATUS1 register to clear the bit and bring the IRQ1
interrupt pin back high. The VSPHASE[0] bit in the
PHSTATUS register remains set.
10. The Phase A voltage continues to stay below the SAGLVL
threshold for four more half line cycles (SAGCYC = 4).
11. Bit 16 (sag) in the STATUS1 register remains cleared to 0.
12. After four more half line cycles, the Phase A voltage rises
above the SAGLVL threshold.
13. Bit 16 (sag) in the STATUS1 register is set to 1. The IRQ1
interrupt pin is set low. The VSPHASE[0] bit in the
PHSTATUS register is cleared to 0.
PHASE A VOLTAGE
FULL SCALE
SAGLVL[23:0]
SAGCYC[7:0] = 0x4
BIT 16 (SAG) IN
STATUS1[31:0]
VSPHASE[0] =
PHSTATUS[12]
IRQ1 PIN
STATUS1[16]
CANCELLED
BY A WRITE TO
STATUS1[31:0]
WITH SAG BIT SET
PHSTATUS[12]
REMAINS HIGH UNTIL
PHASE A VOLTAGE
GOES ABOVE SAGLVL
DURING ONE SAGCYC
IRQ1 PIN LOW
WHEN PHASE A
VOLTAGE GOES
BELOW AND THEN
ABOVE SAGLVL
FOR SAGCYC
PERIOD
Figure 68. Sag Detection: SAGCFG Bit in ACCMODE Register Set to 1
The VSPHASE[1] and VSPHASE[2] bits configure the sag events
on Phase B and Phase C in the same way: when the Phase B or
Phase C voltage stays below SAGLVL during a SAGCYC period,
these bits are set to 1. When the phase voltages are above SAGLVL
during a SAGCYC period, the bits are set to 0.
The SAGCYC register (Address 0xE704) represents the number
of half line cycles during which the phase voltage must remain
below or above the level configured in the SAGLVL register
(Address 0xE509) to trigger a sag interrupt; 0 is not a valid value for
SAGCYC. For example, when the sag cycle bits (SAGCYC[7:0])
contain a value of 0x07, the sag flag in the STATUS1 register is
set at the end of the seventh half line cycle during which the line
voltage falls below the threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com