Electronic Components Datasheet Search
  English  ▼

X  

ADE7978 Datasheet(PDF) 75 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 71Page - Analog Devices ADE7978_V01 Datasheet HTML 72Page - Analog Devices ADE7978_V01 Datasheet HTML 73Page - Analog Devices ADE7978_V01 Datasheet HTML 74Page - Analog Devices ADE7978_V01 Datasheet HTML 75Page - Analog Devices ADE7978_V01 Datasheet HTML 76Page - Analog Devices ADE7978_V01 Datasheet HTML 77Page - Analog Devices ADE7978_V01 Datasheet HTML 78Page - Analog Devices ADE7978_V01 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 75 of 125
ENERGY REGISTERS AND CFx OUTPUTS FOR
VARIOUS ACCUMULATION MODES
Bits[1:0] (WATTACC[1:0]) in the ACCMODE register
(Address 0xE701) specify the accumulation mode of the total
and fundamental active powers when signals proportional to
the active powers are selected at the CFx pins (the CFxSEL[2:0]
bits in the CFMODE register are set to 000 or 011). These bits
also specify the accumulation mode of the watthour energy
registers (AWATTHR, BWATTHR, CWATTHR, AFWATTHR,
BFWATTHR, and CFWATTHR).
When WATTACC[1:0] = 00 (the default value), the active powers
are sign accumulated in the watthour energy registers before
entering the energy-to-frequency converter. Figure 95 shows how
signed active power accumulation works. In this mode, the CFx
pulses synchronize perfectly with the active energy accumulated
in the xWATTHR and xFWATTHR registers because the
powers are sign accumulated in both datapaths.
NEG
POS
POS
APNOLOAD
SIGN = POSITIVE
NEG
NO LOAD
THRESHOLD
ACTIVE POWER
NO LOAD
THRESHOLD
ACTIVE ENERGY
REVAPx BIT
IN STATUS0
xWSIGN BIT
IN PHSIGN
Figure 95. Active Power Signed Accumulation Mode
When WATTACC[1:0] = 01, the active powers are accumulated
in positive only mode. When the powers are negative, the watt-
hour energy registers do not accumulate them. The CFx pulses
are generated based on signed accumulation mode. When
WATTACC[1:0] = 01, the CFx pulses do not synchronize
perfectly with the active energy accumulated in the xWATTHR
and xFWATTHR registers because the powers are accumulated
differently in each datapath. Figure 96 shows how positive only
active power accumulation works.
NEG
POS
POS
APNOLOAD
SIGN = POSITIVE
NEG
NO LOAD
THRESHOLD
ACTIVE POWER
NO LOAD
THRESHOLD
ACTIVE ENERGY
REVAPx BIT
IN STATUS0
xWSIGN BIT
IN PHSIGN
Figure 96. Active Power Positive Only Accumulation Mode
The WATTACC[1:0] = 10 setting is reserved, and the ADE7978
behaves identically to the case when WATTACC[1:0] = 00.
When WATTACC[1:0] = 11, the active powers are accumulated
in absolute mode. When the powers are negative, they change
sign and are accumulated together with the positive power in
the watthour registers before entering the energy-to-frequency
converter.
In this mode, the CFx pulses synchronize perfectly with the
active energy accumulated in the xWATTHR and xFWATTHR
registers because the powers are accumulated in the same way
in both datapaths. Figure 97 shows how absolute active power
accumulation works.
NO LOAD
THRESHOLD
ACTIVE POWER
NO LOAD
THRESHOLD
ACTIVE ENERGY
APNOLOAD
SIGN = POSITIVE
POS
NEG
POS
NEG
Figure 97. Active Power Absolute Accumulation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com