| Electronic Components Datasheet Search |
|
MMPF0100 Datasheet(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMPF0100 Datasheet(HTML) 40 Page - NXP Semiconductors |
|
40 / 137 page ![]() 40 NXP Semiconductors PF0100 FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS Figure 12. SW1A/B single phase, SW1C independent mode block diagram Both SW1ALX and SW1BLX nodes operate at the same DVS, frequency, and phase configured by the SW1ABCONF register, while SW1CLX node operates independently, using the configuration in the SW1CCONF register. 6.4.4.3.3 SW1A/B dual phase - SW1C independent mode In this mode, SW1A/B is connected in dual phase mode using one inductor per switching node, while SW1C is used as an independent output using its own inductor and configuration parameters. This mode provides a smaller output voltage ripple on the SW1A/B output. As mentioned before, SW1A/B and SW1C operate independently from one another, thus, they can be operated with a different voltage set point for normal, standby, and sleep modes, as well as switching mode selection and on/off control. Figure 13 shows the physical connection for SW1A/B in dual phase and SW1C as an independent output. Driver Controller SW1AIN SW1ALX SW1FB ISENSE COSW1A CINSW1A LSW1A I2C Interface SW1A/B SW1AMODE SW1AFAULT VIN Driver Controller SW1BIN SW1BLX ISENSE CINSW1B SW1BMODE SW1BFAULT VIN EA Z1 Z2 Internal Compensation VREF DAC I2C Driver Controller EA Z1 Z2 Internal Compensation SW1CIN SW1CLX SW1CFB ISENSE COSW1C CINSW1C LSW1C EP SW1C SW1CMODE SW1CFAULT VREF DAC I2C VIN |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |