Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 63Page - NXP Semiconductors MMPF0100 Datasheet HTML 64Page - NXP Semiconductors MMPF0100 Datasheet HTML 65Page - NXP Semiconductors MMPF0100 Datasheet HTML 66Page - NXP Semiconductors MMPF0100 Datasheet HTML 67Page - NXP Semiconductors MMPF0100 Datasheet HTML 68Page - NXP Semiconductors MMPF0100 Datasheet HTML 69Page - NXP Semiconductors MMPF0100 Datasheet HTML 70Page - NXP Semiconductors MMPF0100 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 137 page
background image
NXP Semiconductors
67
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.4.4.9
SW3A/B external components
6.4.4.4.10 SW3A/B specifications
Table 77. SW3A/B external component requirements
Components
Description
Mode
SW3A/B single
phase
SW3A/B dual
phase
SW3A independent
SW3B independent
CINSW3A(54)
SW3A input capacitor
4.7
μF4.7 μF4.7 μF
CIN3AHF(54)
SW3A decoupling input capacitor
0.1
μF0.1 μF0.1 μF
CINSW3B(54)
SW3B input capacitor
4.7
μF4.7 μF4.7 μF
CIN3BHF(54)
SW3B decoupling input capacitor
0.1
μF0.1 μF0.1 μF
COSW3A(54)
SW3A output capacitor
3 x 22
μF
2 x 22
μF
2 x 22
μF
COSW3B(54)
SW3B output capacitor
–
2 x 22
μF
2 x 22
μF
LSW3A
SW3A inductor
1.0
μH1.0 μH1.0 μH
LSW3B
SW3B inductor
–
1.0
μH1.0 μH
Notes
54.
Use X5R or X7R capacitors.
Table 78. SW3A/B electrical characteristics
All parameters are specified at TMIN to TMAX (See Table 3), VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], typical external component values, fSW3x = 2.0 MHz, single/dual phase and independent mode unless,
otherwise noted. Typical values are characterized at VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA, SW3x_PWRSTG[2:0] = [111],
and 25 °C, unless otherwise noted.
Symbol
P
arameter
Min.
Typ.
Max.
Unit
Notes
Switch mode supply SW3a/B
VINSW3x
Operating input voltage
2.8
–
4.5
V
(55)
VSW3x
Nominal output voltage
-
Table 65
-V
VSW3xACC
Output voltage accuracy
• PWM, APS 2.8 V < VIN < 4.5 V, 0 < ISW3x < ISW3xMAX
• 0.625 V < VSW3x < 0.85 V
• 0.875 V < VSW3x < 1.975 V
• 2.0 V < VSW3x < 3.3 V
•
• PFM , steady state (2.8 V < VIN < 4.5 V, 0 < ISW3x < 50 mA)
• 0.625 V < VSW3x < 0.675 V
• 0.7 V < VSW3x < 0.85 V
• 0.875 V < VSW3x < 1.975 V
• 2.0 V < VSW3x < 3.3 V
-25
-3.0%
-6.0%
-65
-45
-3.0%
-3.0%
–
–
–
–
–
–
–
25
3.0%
6.0%
65
45
3.0%
3.0%
mV
%
ISW3x
Rated output load current
• 2.8 V < VIN < 4.5 V, 0.625 V < VSW3x < 3.3 V
• PWM, APS mode single/dual phase
• PWM, APS mode independent (per phase)
–
–
–
–
2500
1250
mA
(56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com