Electronic Components Datasheet Search
  English  ▼

X  

MMPF0100 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 83Page - NXP Semiconductors MMPF0100 Datasheet HTML 84Page - NXP Semiconductors MMPF0100 Datasheet HTML 85Page - NXP Semiconductors MMPF0100 Datasheet HTML 86Page - NXP Semiconductors MMPF0100 Datasheet HTML 87Page - NXP Semiconductors MMPF0100 Datasheet HTML 88Page - NXP Semiconductors MMPF0100 Datasheet HTML 89Page - NXP Semiconductors MMPF0100 Datasheet HTML 90Page - NXP Semiconductors MMPF0100 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 137 page
background image
NXP Semiconductors
87
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
VGEN2 active mode - DC (continued)
IGEN2LIM
Current limit
• IGEN2 when VGEN2 is forced to VGEN2NOM/2
• MMPF0100
• MMPF0100A
333
305
417
417
510
510
mA
IGEN2OCP
Overcurrent protection threshold
• IGEN2 required to cause the SCP function to disable LDO when
REGSCPEN = 1
• MMPF0100
• MMPF0100A
300
290
–
–
500
500
mA
IGEN2Q
Quiescent current
• No load, change in IVIN and IVIN1
• When VGEN2 enabled
–16
–
μA
VGEN2 AC and transient
PSRRVGEN2
PSRR
•IGEN2 = 187.5 mA, 20 Hz to 20 kHz
• VGEN2[3:0] = 0000 - 1101
• VGEN2[3:0] = 1110, 1111
50
37
60
45
–
–
dB
(67)
NOISEVGEN2
Output noise density
•VIN1 = 1.75 V, IGEN2 = 187.5 mA
• 100 Hz – <1.0 kHz
• 1.0 kHz – <10 kHz
• 10 kHz – 1.0 MHz
–
–
–
-108
-118
-124
-100
-108
-112
dBV/
√Hz
SLWRVGEN2
Turn-on slew rate
• 10% to 90% of end value
•1.75 V
≤ VIN1 ≤ 3.4 V, IGEN2 = 0.0 mA
• VGEN2[3:0] = 0000 to 0111
• VGEN2[3:0] = 1000 to 1111
–
–
–
–
12.5
16.5
mV
/μs
GEN2tON
Turn-on time
• Enable to 90% of end value, VIN1 = 1.75 V, 3.4 V
• IGEN2 = 0.0 mA
60
–
500
μs
GEN2tOFF
Turn-off time
• Disable to 10% of initial value, VIN1 = 1.75 V
• IGEN2 = 0.0 mA
––
10
ms
GEN2OSHT
Start-up overshoot
• VIN1 = 1.75 V, 3.4 V, IGEN2 = 0.0 mA
–1.0
2.0
%
VGEN2LOTR
Transient load response
• VIN1 = 1.75 V, 3.4 V
• IGEN2 = 25 to 250 mA in 1.0 μs
• Peak of overshoot or undershoot of VGEN2 with respect to final
value
• Refer to Figure 31
––
3.0
%
Table 103. VGEN2 electrical characteristics
All parameters are specified at TMIN to TMAX (See Table 3), VIN = 3.6 V, VIN1 = 3.0 V, VGEN2[3:0] = 1111, IGEN2 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VIN1 = 3.0 V, VGEN2[3:0] = 1111,
IGEN2 = 10 mA and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com