Electronic Components Datasheet Search
  English  ▼

X  

CS43131 Datasheet(PDF) 120 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 120 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 116Page - Cirrus Logic CS43131 Datasheet HTML 117Page - Cirrus Logic CS43131 Datasheet HTML 118Page - Cirrus Logic CS43131 Datasheet HTML 119Page - Cirrus Logic CS43131 Datasheet HTML 120Page - Cirrus Logic CS43131 Datasheet HTML 121Page - Cirrus Logic CS43131 Datasheet HTML 122Page - Cirrus Logic CS43131 Datasheet HTML 123Page - Cirrus Logic CS43131 Datasheet HTML 124Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 156 page
background image
120
DS1155F1
CS43131
7.3 ASP and XSP Registers
7.3.10 ASP Clock Configuration
Address 0x40018
R/W
76543210
—ASP_M/SB
ASP_SCPOL_
OUT
ASP_SCPOL_
IN
ASP_LCPOL_
OUT
ASP_LCPOL_
IN
Default
00001100
Bits
Name
Description
7:5
—
Reserved
4
ASP_M/SB
ASP port master or slave configuration.
0 (Default) Slave Mode (input)
1 Master Mode (output)
3ASP_SCPOL_
OUT
ASP SCLK output drive polarity.
0Normal
1 (Default) Inverted
2ASP_SCPOL_
IN
ASP SCLK input polarity (pad to logic).
0Normal
1 (Default) Inverted
1
ASP_LCPOL_
OUT
ASP LRCK output drive polarity.
0 (Default) Normal
1Inverted
0
ASP_LCPOL_
IN
ASP LRCK input polarity (pad to logic).
0 (Default) Normal
1Inverted
7.3.11 ASP Frame Configuration
Address 0x40019
R/W
76543210
—
ASP_STP
ASP_5050
ASP_FSD
Default
00001010
Bits
Name
Description
7:5
—
Reserved
4
ASP_STP
ASP start phase. Controls which LRCK/FSYNC phase starts a frame.
0 (Default) The frame begins when LRCK/FSYNC transitions from high to low
1 The frame begins when LRCK/FSYNC transitions from low to high
3
ASP_5050
ASP LRCK fixed 50/50 duty cycle.
0 Programmable duty cycle per ASP_LCHI and ASP_LCPR.
1 (Default) Fixed 50% duty cycle
2:0
ASP_FSD
ASP frame start delay (units of ASP_SCLK periods).
000 0 delay
001 0.5 delay
010 (Default) 1.0 delay
...
101 2.5 delay
110–111 Reserved
7.3.12 XSP Numerator 1
Address 0x40020
R/W
76543210
XSP_N_LSB
Default
00000001
Bits
Name
Description
7:0
XSP_N_LSB The value in this register cannot be changed while the serial port is powered up.
XSP sample rate fractional divide numerator LSB. Along with XSP_M_MSB/LSB, selects the fractional divide value for
setting the SCLK frequency.
(Default) XSP_N = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com