Electronic Components Datasheet Search
  English  ▼

X  

CS43131 Datasheet(PDF) 123 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 123 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 119Page - Cirrus Logic CS43131 Datasheet HTML 120Page - Cirrus Logic CS43131 Datasheet HTML 121Page - Cirrus Logic CS43131 Datasheet HTML 122Page - Cirrus Logic CS43131 Datasheet HTML 123Page - Cirrus Logic CS43131 Datasheet HTML 124Page - Cirrus Logic CS43131 Datasheet HTML 125Page - Cirrus Logic CS43131 Datasheet HTML 126Page - Cirrus Logic CS43131 Datasheet HTML 127Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 156 page
background image
DS1155F1
123
CS43131
7.3 ASP and XSP Registers
2:0
XSP_FSD
XSP frame start delay (units of XSP_SCLK periods).
000 0 delay
001 0.5 delay
010 (Default) 1.0 delay
...
101 2.5 delay
110–111 Reserved
7.3.22 ASP Channel 1 and 2 Location
Address 0x50000, 0x50001
R/W
76543210
ASP_RX_CH1
ASP_RX_CH2
Default
00000000
Bits
Name
Description
7:0 ASP_RX_CHn ASP Rx channel n location. Sets the location in ASP_SCLK periods of the ASP Rx channel n from the start of the TDM
frame.
0x00 Start on SCLK 0
...
0xFF Start on SCLK 255
Defaults are 0x00.
7.3.23 ASP Channel 1 Size and Enable
Address 0x5000A
R/W
76543210
—
ASP_RX_CH1_
AP
ASP_RX_CH1_
EN
ASP_RX_CH1_RES
Default
00000110
7.3.24 ASP Channel 2 Size and Enable
Address 0x5000B
R/W
76543210
—
ASP_RX_CH2_
AP
ASP_RX_CH2_
EN
ASP_RX_CH2_RES
Default
00001110
Bits
Name
Description
7:4
—
Reserved
3
ASP_RX_
CHn_AP
ASP RX channel n active phase. Valid only in 50/50 mode (ASP_5050 = 1).
0 (Default when n = 1) In 50/50 mode, channel data is input when LRCK/FSYNC is low
1 (Default when n = 2) In 50/50 mode, channel data is input when LRCK/FSYNC is high
2
ASP_RX_
CHn_EN
ASP RX channel n enable. Configures the state of the data for the ASP on channel n. The same rule applies to CHx_EN.
0 (Default) Input channel data is not propagated to the internal data path
1 Input channel data is propagated to the internal data path
1:0
ASP_RX_
CHn_RES
ASP RX channel n size (in bits). Sets the output resolution of the ASP RX channel n samples.
00 8 bits per sample
01 16 bits per sample
10 (Default) 24 bits per sample
11 32 bits per sample
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com