Electronic Components Datasheet Search
  English  ▼

X  

CS43131 Datasheet(PDF) 126 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 126 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 122Page - Cirrus Logic CS43131 Datasheet HTML 123Page - Cirrus Logic CS43131 Datasheet HTML 124Page - Cirrus Logic CS43131 Datasheet HTML 125Page - Cirrus Logic CS43131 Datasheet HTML 126Page - Cirrus Logic CS43131 Datasheet HTML 127Page - Cirrus Logic CS43131 Datasheet HTML 128Page - Cirrus Logic CS43131 Datasheet HTML 129Page - Cirrus Logic CS43131 Datasheet HTML 130Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 156 page
background image
126
DS1155F1
CS43131
7.4 DSD Registers
7.4.5
DSD Processor Path Signal Control 2
Address 0x70004
R/W
76543210
—
DSD_PRC_SRC
DSD_EN
DSD_SPEED
STA_DSD_DET INV_DSD_DET
Default
00000010
Bits
Name
Description
7—
Reserved
6:5
DSD_PRC_
SRC
Select the source for DSD processor.
00 (Default) DSD interface
01 Reserved
10 ASP
11 XSP
4
DSD_EN
Enable DSD playback.
0 (Default) Function disabled
1 DSD playback is enabled
3:2
DSD_SPEED Setup DSD clock speed.
00 (Default) 64•Fs
01 128•Fs
10 256•Fs
11 Reserved
1STA_DSD_
DET
Static DSD detection.
0 Function disabled
1 (Default) Static DSD detection is enabled. The DSD processor checks for 28 consecutive zeros or ones and, if
detected, sets the DSD_STUCK_INT interrupt status bit and mutes the output until the static condition is cleared. If
DSD_AMUTE is enabled, AMUTE will be in effect in this scenario.
0INV_DSD_
DET
Invalid DSD detection.
0 (Default) Function disabled
1 Invalid DSD detection is enabled. The DSD processor checks for 25 out of 28 bits of the same value and, if
detected, sets the DSD_INVAL_A_INT and/or DSD_INVAL_B_INT interrupt status bits.
7.4.6
DSD and PCM Mixing Control
Address 0x70005
R/W
76543210
—
MIX_PCM_
PREP
MIX_PCM_
DSD
Default
00000000
Bits
Name
Description
7:2
—
Reserved
1MIX_PCM_
PREP
Enable PCM playback path for PCM and DSD mixing. This bit must be set prior to setting MIX_PCM_DSD. Disable this
bit after disabling MIX_PCM_DSD. This mode requires DSD_EN to be enabled and DSD_PRC_SRC set to receive DSD
through either the DSD interface or XSP.
0 (Default) Function disabled
1 Enable PCM playback path for PCM and DSD mixing
0MIX_PCM_
DSD
Enable PCM stream mixing into DSD stream. This bit must be set only after MIX_PCM_PREP is enabled. Disable this
bit prior to disabling MIX_PCM_PREP bit. This mode requires DSD_EN to be enabled and DSD_PRC_SRC set to
receive DSD through either the DSD interface or XSP.
0 (Default) Function disabled
1 Enable PCM stream mixing into the DSD stream
7.4.7
DSD Processor Path Signal Control 3
Address 0x70006
R/W
76543210
DSD_ZERODB DSD_HPF_EN
—
SIGCTL_
DSDEQPCM
DSD_INV_A
DSD_INV_B
DSD_SWAP_
CHAN
DSD_COPY_
CHAN
Default
01000000
Bits
Name
Description
7DSD_
ZERODB
Setting on DSD stream volume to match PCM stream volume.
0 (Default) The SACD +3.1-dB level (71% modulation index) matches PCM 0 dB full scale.
1 The SACD 0-dB reference level (50% modulation index) matches PCM 0 dB full scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com