Electronic Components Datasheet Search
  English  ▼

X  

CS43131 Datasheet(PDF) 129 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 129 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 125Page - Cirrus Logic CS43131 Datasheet HTML 126Page - Cirrus Logic CS43131 Datasheet HTML 127Page - Cirrus Logic CS43131 Datasheet HTML 128Page - Cirrus Logic CS43131 Datasheet HTML 129Page - Cirrus Logic CS43131 Datasheet HTML 130Page - Cirrus Logic CS43131 Datasheet HTML 131Page - Cirrus Logic CS43131 Datasheet HTML 132Page - Cirrus Logic CS43131 Datasheet HTML 133Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 156 page
background image
DS1155F1
129
CS43131
7.5 Headphone and PCM Registers
7.5.5
PCM Path Signal Control 1
Address 0x90003
R/W
76543210
PCM_RAMP_
DOWN
PCM_VOL_
BEQA
PCM_SZC
PCM_AMUTE
PCM_
AMUTEBEQA PCM_MUTE_A PCM_MUTE_B
Default
10101000
Bits
Name
Description
7PCM_RAMP_
DOWN
Soft volume ramp-down before filter mode change. A mute is performed before filter mode change and an unmute is
performed after executing the filter mode change.
0 Immediate mute is performed prior to executing a filter mode change
1 (Default) This mute and unmute is controlled by PCM_SZC.
6PCM_VOL_
BEQA
PCM_VOLUME_B equals PCM_VOLUME_A.
0 (Default) Volume setting of both channels are controlled independently.
1 Volume setting of both channels are controlled by PCM_VOLUME_A. PCM_VOLUME_B is ignored.
5:4
PCM_SZC
Soft ramp and zero cross control.
00 Immediate change
01 In PCM mode, zero cross change
10 (Default) Soft ramp
11 In PCM mode, soft ramp and zero crossings
3
PCM_AMUTE PCM auto mute.
0 Function disabled
1 (Default) Mute occurs after reception of 8,192 consecutive audio samples of static +1, 0, or –1. A single sample of
non-static data releases the mute. Detection and muting is done independently for each channel.
2PCM_
AMUTEBEQA
Auto mute channel B equals channel A.
0 (Default) Function disabled.
1 Only mute when both channels AMUTE conditions are detected.
1
PCM_
MUTE_
A
Channel A mute.
0 (Default) Function is disabled.
1 Channel output is muted. Muting function is affected by the PCM_SZC bits.
0
PCM_
MUTE_
B
Channel A mute.
0 (Default) Function is disabled.
1 Channel output is muted. Muting function is affected by the PCM_SZC bits.
7.5.6
PCM Path Signal Control 2
Address 0x90004
R/W
76543210
—
PCM_INV_A
PCM_INV_B
PCM_SWAP_
CHAN
PCM_COPY_
CHAN
Default
00000000
Bits
Name
Description
7:4
—
Reserved
3
PCM_INV_A Channel A signal invert.
0 (Default) Function is disabled
1 Signal polarity of channel A is inverted
2
PCM_INV_B Channel B signal invert.
0 (Default) the function is disabled
1 Signal polarity of channel B is inverted
1PCM_SWAP_
CHAN
Swap channels A and B at the input. This bit takes effect before PCM_COPY_CHAN.
0 (Default) Function disabled
1 Enable channel A and B swapping
0PCM_COPY_
CHAN
Copy channel A to channel B. This bit takes effect after PCM_SWAP_CHAN.
0 (Default) Function disabled
1 Enable copy A to B function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com